Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4008LS2 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # S4008LS2
Description  Isc Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S4008LS2 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  S4008LS2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited S4008LS2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Isc Thyristors
S4008LS2
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
IRRM
Repetitive Peak Reverse Current
VRRM= 400V
--
--
5
uA
IDRM
Repetitive Peak Off-state Current
VDRM= 400V
--
--
5
uA
VTM
On-state Voltage
ITM= 16A, tp=380us
--
--
1.6
V
IGT
Gate-trigger Current
VD= 6V, RL= 100Ω
--
--
200
uA
VGT
Gate-trigger Voltage
VD= 6V, RL= 100Ω
--
--
0.8
V
IH
Holding Current
IT= 20mA
--
--
6
mA
dv/dt
Critical Rate of Rise of Off-state
Voltage
VD= VDRM , Tj= 110℃
--
9
--
V/us
Rth(j-c)
Thermal Resistance Junction to
Mounting Base
In free air
--
3.4
--
℃
/W
PACKAGE OUTLINE(Dimensions in mm)
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose,
nor does ISC assume any liability arising from the application or use of any products, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages.
It is strictly prohibited to reprint or copy part or all of this datasheet without permission from ISC.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com