Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMB540-ADL-R680ESP Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IMB540-ADL-R680ESP
Description  ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® Processor, Intel® R680E, USB 3.2 Gen2, SATA 3.0, GbE and 2.5GbE LAN, VGA, DisplayPort, DVI-D, and HDMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IMB540-ADL-R680ESP Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IMB540-ADL-R680ESP Datasheet HTML 1Page - Axiomtek Co., Ltd. IMB540-ADL-R680ESP Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Standard
IMB540-ADL-R680E SP
(P/N: E38F540100)
ATX motherboard with LGA1700 socket 14th/13th/12th gen Intel® Core™, Pentium® or Celeron® processor, Intel® R680E,
USB 3.2 Gen2x1, SATA 3.0, GbE and 2.5GbE LAN, VGA, DisplayPort++, DVI-D, and HDMI, single packing
IMB540-ADL-R680E BP
(P/N: E38F540101)
ATX motherboard with LGA1700 socket 14th/13th/12th gen Intel® Core™, Pentium® or Celeron® processor, Intel® R680E,
USB 3.2 Gen2x1, SATA 3.0, GbE and 2.5GbE LAN, VGA, DisplayPort++, DVI-D, and HDMI, bulk packing
Optional
5938A808010E
2 x USB 2.0 cable with bracket, P=2.54 mm, L=190 mm
5938A808020E
2 x USB 2.0 cable with bracket, P=2.54 mm, L=400 mm
5948C122800E
2 x USB 3.2 Gen1 cable with bracket, L=400 mm
59380000290E
PS/2 keyboard & mouse cable with bracket
594G5208000E
SATA III signal cable, L=500 mm with locking latch
594G5208010E
SATA III signal cable, L=500 mm without locking latch
59384500100E
Audio cable with bracket, P=2.0 mm, L=450 mm
59380402010E
1 x COM port cable with bracket, P=2.54 mm, L=300 mm
59380703000E
2 x COM port cable with bracket, P=2.54 mm, L=300 mm
83935151000E
TPM 2.0 module (AX93515)
713000002100
CPU heatsink for 1U chassis (AX61135TM)
713000000500
1U CPU cooler with smart fan
711000002500
CPU cooler for 2U, 4U, and wall mount chassis with smart fan
*Please refer to the user manual for the complete list of supported CPUs.
Display
Chipset
Intel® UHD Graphics
Memory Size
Share system memory
Display Interface
1 x VGA, up to 1920 x 1200 @60Hz
1 x HDMI 1.4b, up to 4096 x 2160 @24Hz
1 x Displayport++ (DP 1.2), up to 4096 x 2304 @60Hz
1 x DVI-D, up to 1920×1200 @60Hz
I/O
SATA
4 x SATA-600 with RAID 0/1/5/10
Hardware Monitoring
Detect CPU/system temperature, voltage and supports smart fan control
Ethernet
1 x 10/100/1000/2500 Mbps with Intel® I225-LM supporting Wake-on-LAN, PXE Boot ROM, TSN, and Intel® AMT with Intel vPro®
1 x 10/100/1000 Mbps Ethernet with Intel® I210-AT supporting Wake-on-LAN and PXE Boot ROM
Audio
HD Codec audio as MIC-in/Line-in/Line-out
USB
4 x USB 3.2 Gen2x1 (10G) (rear I/O)
2 x Dual USB 3.2 Gen1x1 (5G) (internal, box header)
4 x USB 2.0 (internal, pin header)
1 x USB 2.0 (internal, 180D Type-A)
Serial
4 x RS-232 (internal box header)
2 x RS-232/422/485 (rear I/O)
PS/2 Combo Port
1 x PS/2 keyboard (internal box header)
1 x PS/2 mouse (internal box header)
TPM
TPM 2.0 (optional)
SMBus
Yes
Digital I/O
8-channel programmable
Mechanical and Environmental
Dimensions
305 x 244 mm
Board Thickness
1.6 mm
Operating Temperature 0°C to +60°C (+32°F to +140°F)
Humidity
10% to 95% relative humidity, non-condensing
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
Updated Jan. 22, 2025.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com