Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB2104F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TB2104F
Description  VFD Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2104F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TB2104F_02 Datasheet HTML 1Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 2Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 3Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 4Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 5Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 6Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 7Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 8Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TB2104F
2002-10-30
2
Pin Function
Pin
No.
Symbol
Pin Name
Function And Operation
Remarks
1
AD1
30
AD2
Address
setting input
・
Chip select / address setting inputs
・
When using in serial mode, keep AD1 and AD2 “open”.
・
In other settings than “open”, it becomes T
-BUS mode
and addresses up to 8 kinds can be set.
3
LS
Strobe input
28
CLK
Clock input
29
DIN
Data input
・
Serial data input terminals
・
Inputs display data through the DIN terminal
synchronizing with rise of CLK input.
・
Display data are updated when inputting “H” level into
LS terminal after completing data input.
・
In T
-BUS mode, LS terminal becomes “period” input.
CMOS
input
2
CG / DO
Lamp test
input and
data output
・
Lamp test input terminal and data output terminal
・
In serial mode (AD1 = AD2 = open), this terminal serves as
the serial data output terminal and enables cascade
connection of driver IC.
・
In T
-BUS mode, this terminal serves as the lamp test
input and is able to use all the driver outputs (HVO
-1~-
20) at “H” level by inputting “H” level signal.
・
During the normal operation in T
-BUS mode, use this
terminal by fixing at “L” level.
CMOS
input /
CMOS
output
built in
pull
-down
resistor
20kΩ
4
CL
Clear input
・
Driver off (blanking) input terminal
・
All the driver outputs are fixed at “L” level when “L”
level signal is input.
・
When “H” level signal is input, it becomes the normal
mode.
CMOS
input
built in
pull
-up
resistor
20kΩ
5
VDD
Logic unit
power supply
26
VDR
Drive unit
power supply
27
GND
Ground
・
Power supply and GND terminals
—
25
24
23
⋮
⋮
8
7
6
HVO
-1
HVO
-2
HVO
-3
⋮
⋮
HVO
-18
HVO
-19
HVO
-20
Driver output
・
High
-tension driver output terminal
・
Equivalent circuit
—



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com