Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMB540-ADL-R680EBP Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IMB540-ADL-R680EBP
Description  ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® Processor, Intel® R680E, USB 3.2 Gen2, SATA 3.0, GbE and 2.5GbE LAN, VGA, DisplayPort, DVI-D, and HDMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IMB540-ADL-R680EBP Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IMB540-ADL-R680EBP Datasheet HTML 1Page - Axiomtek Co., Ltd. IMB540-ADL-R680EBP Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IMB540
ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron®
Processor, Intel® R680E, USB 3.2 Gen2, SATA 3.0, GbE and 2.5GbE LAN, VGA, DisplayPort++, DVI-D, and HDMI
Specifications
Core System
CPU
LGA1700 socket 14th/13th/12th gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® processor, up to 125W (Raptor Lake-S Refresh)
System Memory
4 x 288-pin DDR4-3200 ECC/non-ECC un-buffered Long-DIMM, up to 128GB (ECC memory available only for Intel® R680E)
Chipset
Intel® R680E
BIOS
AMI BIOS
SSD
M.2 key M 2280 in support of PCIe x4 via CPU
Watchdog Timer
255 levels, 1 to 255 sec.
Expansion Interface
2 x PCIe Gen5 x16 slot (signal: PCIe x16 + PCIe x0 or PCIe x8 + PCIe x8)
3 x PCIe x4 slot open ended (1 x Gen3 + 2 x Gen4) (signal by PCH)
1 x PCIe Mini Card slot (signal: PCIe x1)
2 x 32-bit PCI slot, default clock is 33 Mhz, PCI clock could be selected between 33 or 66 MHz by jumper (signal by PCH)
Battery
Lithium 3 V/ 220 mAH
Side view
PCI
DIO
PS/2 keyboard
PS/2 mouse
PCIe Mini
Card slot
SMBus
4 x RS-232
USB 2.0
2 x RS-232/422/485
VGA
DisplayPort++
MIC-in/Line-in/Line-out
2.5GbE (L)+ GbE (R)
HDMI
USB 3.2
DVI-I
PCIe 3.0 x4
PCIe 5.0 x16
PCIe 4.0 x4
Features
● LGA1700 socket 14th/13th/12th gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® processor (Raptor Lake-S Refresh)
● Four 288-pin DDR4-3200 ECC/non-ECC unbuffered Long-DIMM, up to 128GB
● Supports DisplayPort++, VGA, DVI-D, and HDMI with quad-view
● Supports M.2 Key M 2280
● Supports 2 PCIe x16 slots with PCIe Gen 5 for GPU cards
● Supports TPM 2.0 (optional)
USB 3.2 Gen1
Flexible Slots
Quad-View
M.2
www.axiomtek.com
ATX Motherboards


Similar Part No. - IMB540-ADL-R680EBP

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB541 AXIOMTEK-IMB541 Datasheet
416Kb / 2P
ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® Processor, Intel® Q670E, USB 3.2 Gen1x1, SATA 3.0, GbE and 2.5GbE LAN, VGA, DVI-D, and HDMI
Jan. 23, 2025.
IMB541-Q670E-BP AXIOMTEK-IMB541-Q670E-BP Datasheet
416Kb / 2P
ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® Processor, Intel® Q670E, USB 3.2 Gen1x1, SATA 3.0, GbE and 2.5GbE LAN, VGA, DVI-D, and HDMI
Jan. 23, 2025.
IMB541-Q670E-SP AXIOMTEK-IMB541-Q670E-SP Datasheet
416Kb / 2P
ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® Processor, Intel® Q670E, USB 3.2 Gen1x1, SATA 3.0, GbE and 2.5GbE LAN, VGA, DVI-D, and HDMI
Jan. 23, 2025.
IMB542 AXIOMTEK-IMB542 Datasheet
308Kb / 2P
ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® Processor, Intel® Q670, USB 3.2 Gen 1x1, SATA 3.0, GbE, VGA, DVI-D, and HDMI
Jan. 23, 2025.
IMB542-Q670-SP AXIOMTEK-IMB542-Q670-SP Datasheet
308Kb / 2P
ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® Processor, Intel® Q670, USB 3.2 Gen 1x1, SATA 3.0, GbE, VGA, DVI-D, and HDMI
Jan. 23, 2025.
More results

Similar Description - IMB540-ADL-R680EBP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
AIMB-707 ADVANTECH-AIMB-707 Datasheet
715Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, USB 3.2, M.2, 6 COMs
4-Jan-2023
AIMB-708 ADVANTECH-AIMB-708 Datasheet
644Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with HDMI/VGA, DDR4, USB 3.2, M.2, 6 COMs
3-Jan-2023
AIMB-787 ADVANTECH-AIMB-787 Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
AIMB-788 ADVANTECH-AIMB-788 Datasheet
593Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 ATX Motherboard with DP/HDMI/VGA, DDR4, USB 3.2, M.2
3-Jan-2023
PCE-5033 ADVANTECH-PCE-5033 Datasheet
562Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3/Pentium® System Host Board with DDR5, SATA 3.0, USB 3.2, Dual 2.5GbE, and Triple Displays
16-Feb-2023
PCE-5133 ADVANTECH-PCE-5133 Datasheet
567Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3/Pentium® System Host Board with DDR5, SATA 3.0, USB 3.2, M.2, Dual 2.5GbE, and Triple Displays
16-Feb-2023
logo
BCM Advanced Research.
BC680R BCM-BC680R Datasheet
621Kb / 2P
Intel® R680E ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
02/13/2023
RX610H BCM-RX610H Datasheet
553Kb / 2P
Intel® H610E based Micro ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
02/13/2023
RX680R BCM-RX680R Datasheet
524Kb / 2P
Intel® R680E PCH Micro ATX Motherboard supports 12th Gen Intel® Alder Lake/Raptor Lake i9/i7/i5/i3 Processors
02/13/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com