Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB2104F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB2104F
Description  VFD Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2104F Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TB2104F Datasheet HTML 1Page - Toshiba Semiconductor TB2104F Datasheet HTML 2Page - Toshiba Semiconductor TB2104F Datasheet HTML 3Page - Toshiba Semiconductor TB2104F Datasheet HTML 4Page - Toshiba Semiconductor TB2104F Datasheet HTML 5Page - Toshiba Semiconductor TB2104F Datasheet HTML 6Page - Toshiba Semiconductor TB2104F Datasheet HTML 7Page - Toshiba Semiconductor TB2104F Datasheet HTML 8Page - Toshiba Semiconductor TB2104F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TB2104F
2002-10-30
6
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VDD
-0.3~7.0
V
Input voltage
VIN
-0.3~VDD+0.3
V
Driver voltage
VDR
VDD~60
V
Driver current
IDR
50
mA
Power dissipation
PD (Note)
800
mW
Operating temperature
Topr
-40~85
°C
Storage temperature
Tstg
-55~150
°C
(Note) In case it is used at more than Ta = 25°C, it is considered by reducing 6.4mW each 1°C.
Electrical Characteristics (unless otherwise specified, VDD = 5V, VDR = 50V, Ta = 25°C)
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Operating supply voltage (1)
VDD
—
Logic unit
4.5
5.0
5.5
V
Operating supply voltage (2)
VDR
—
Driver unit
10
~
50
V
Operating supply current (1)
IDD
—
No load, no input
—
0.3
1.5
mA
Operating supply current (2)
IDR
—
No load, output VOL level
—
2.3
3.5
mA
“H” level
VIH (1)
VDD
×0.7
~
VDD
Input
voltage
“L” level
VIL (1)
—
CMOS input terminal
DIN, CLK, LS, CG, CL
GND
~
VDD
×0.3
V
“H” level
VIH (2)
VDD
-0.5
~
VDD
Open
VIM
—
VDD
×0.5
—
Input
voltage
“L” level
VIL (2)
—
3
-value input terminal
AD1, AD2
GND
~
GND
+0.5
V
“H” level
IIH
VIH = 5V
-1.0
~
1.0
Input
current
“L” level
IIL
—
CMOS
input terminal
VIL = 0V
-1.0
~
1.0
µA
Input resistance
RIN
—
3
-value input terminal
80
100
120
kΩ
“H” level
IOH (1)
VOH = 45V
—
-8.4
-5
Output
current
“L” level
IOL (1)
—
HVO
-1~-20
output terminal
VOL = 3V
2.0
2.7
—
mA
“H” level
IOH (2)
VOH = 4V
—
-0.3
-0.1
Output
current
“L” level
IOL (2)
—
DO output
terminal
VOL = 1V
0.1
0.3
—
mA
Clock frequency
fCLK
CLK max. operating
—
5.0
4.0
MHz
Clock pulse width
twc
CLK min. operating
75
60
—
ns
Data setup time
tds
50
40
—
ns
Data hold time
tdh
DIN min. operating pulse
width
50
40
—
ns
LS pulse width
twl
LS min. operating
80
60
—
ns
CLK
-LS delay time
tdc
CLK→LS delay time
50
40
—
ns
CLK
-DOUT delay time
tpd
Fig. 1
CLK→DOUT delay time
CL = 30pF
—
120
160
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com