Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0818331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0818331
Description  UC-TM 6 YE - Marker for terminal blocks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0818331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0818331 Datasheet HTML 1Page - PHOENIX CONTACT 0818331 Datasheet HTML 2Page - PHOENIX CONTACT 0818331 Datasheet HTML 3Page - PHOENIX CONTACT 0818331 Datasheet HTML 4Page - PHOENIX CONTACT 0818331 Datasheet HTML 5Page - PHOENIX CONTACT 0818331 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker for terminal blocks, Sheet, yellow, unlabeled, can be labeled with:
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
BLUEMARK E.CARD, mounting type: latching, for terminal block width: 6.2 mm, Number of
individual labels: 80, text field height: 10.5 mm, text field width: 5.6 mm
Your advantages
The markers, which are supplied in uniform sheets, can be printed onto quickly and easily using the BLUEMARK printing systems
•
The UC-TM ... UniCard labeling range includes terminal markers for Phoenix Contact products with tall marker grooves
•
The multi-section marking strips are easy to fit and can be easily separated if required
•
The markers support multi-line labeling
•
The sheets provide space for including function texts
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0818331
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG06
Product key
BG2117
Catalog page
Page 110 (C-3-2019)
GTIN
4046356135429
Weight per piece (including packing)
12.87 g
Weight per piece (excluding packing)
11.57 g
Customs tariff number
39269097
Country of origin
PL
UC-TM 6 YE - Marker for terminal blocks
0818331
https://www.phoenixcontact.com/us/products/0818331
May 13, 2025, 5:58AM
Page 1 (6)


Similar Part No. - 0818331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818302 PHOENIX-0818302 Datasheet
72Kb / 3P
UC-TM 5 RD
0818315 PHOENIX-0818315 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 5 GN
0818328 PHOENIX-0818328 Datasheet
51Kb / 2P
Marker for terminal blocks - UC-TM 6 OG
0818344 PHOENIX-0818344 Datasheet
191Kb / 6P
UC-TM 6 BU - Marker for terminal blocks
0818357 PHOENIX-0818357 Datasheet
190Kb / 6P
UC-TM 6 RD - Marker for terminal blocks
More results

Similar Description - 0818331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818069 PHOENIX-0818069 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 10
0818085 PHOENIX-0818085 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 6
0818289 PHOENIX-0818289 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 5 YE
0818328 PHOENIX-0818328 Datasheet
51Kb / 2P
Marker for terminal blocks - UC-TM 6 OG
0818580 PHOENIX-0818580 Datasheet
49Kb / 3P
Marker for terminal blocks - UC-TMF 6 YE
0824589 PHOENIX-0824589 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 CUS
0824591 PHOENIX-0824591 Datasheet
68Kb / 3P
Marker for terminal blocks - UC-TM 6 GN CUS
0824592 PHOENIX-0824592 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 OG CUS
0824595 PHOENIX-0824595 Datasheet
55Kb / 3P
Marker for terminal blocks - UC-TM 6 YE CUS
0824627 PHOENIX-0824627 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 16 YE CUS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com