Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB6561FG Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TB6561FG
Description  Dual Full-Bridge Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6561FG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TB6561FG Datasheet HTML 1Page - Toshiba Semiconductor TB6561FG Datasheet HTML 2Page - Toshiba Semiconductor TB6561FG Datasheet HTML 3Page - Toshiba Semiconductor TB6561FG Datasheet HTML 4Page - Toshiba Semiconductor TB6561FG Datasheet HTML 5Page - Toshiba Semiconductor TB6561FG Datasheet HTML 6Page - Toshiba Semiconductor TB6561FG Datasheet HTML 7Page - Toshiba Semiconductor TB6561FG Datasheet HTML 8Page - Toshiba Semiconductor TB6561FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TB6561FG
2007-5-11
2
Block Diagram
N.C.: 12pin, 19pin
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
40
V
Output voltage
VO
40 (Note 1)
V
Output current
IO (Peak)
1.5
A
Power dissipation
PD
2.5 (Note 2)
W
Operating temperature
Topr
−20 to 85
°C
Storage temperature
Tstg
−55 to 150
°C
Note 1: Please use output voltage within the above absolute maximum rating, 40 V, in which includes back-EMF
voltage.
Note 2: When mounted on a board (50 mm
× 50 mm × 1.6 mm, Cu area: 50%)
Operating Range (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC, VM
10 to 36
V
Control Circuit
Over current detect
circuit
TSD
5 V
S-GND
Vreg
30
2
3
29
14
10
11
17
21
20
SB
VCC
OUT2A
Vcc
OUT1A OUT2B
Vcc OUT1B
S-GND
1
5
6
4
26
25
27
28
13
18
P-GNDA
CLD
PWMB
IN2B
IN1B
PWMA
IN2A
IN1A
S-GND
P-GNDB
S-GND
16,22,23,24
7, 8,9,15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com