Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDC-FD Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PDC-FD
Description  PDC-FD Series – DC to DC Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDC-FD Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PDC-FD Datasheet HTML 1Page - Bourns Electronic Solutions PDC-FD Datasheet HTML 2Page - Bourns Electronic Solutions PDC-FD Datasheet HTML 3Page - Bourns Electronic Solutions PDC-FD Datasheet HTML 4Page - Bourns Electronic Solutions PDC-FD Datasheet HTML 5Page - Bourns Electronic Solutions PDC-FD Datasheet HTML 6Page - Bourns Electronic Solutions PDC-FD Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PDC-FD Series – DC to DC Transformers
Electrical Schematics
3
5
2
1
7
8
9
10
11
12
PRI.
18 V - 72 V
500 kHz
BIAS
10 V / 20 mA
DRIVE
5.6 V / 10 mA
SEC.
3.3 V / 3 A
1
2
4
3
5
6
7
8
9
10
11
12
PRI.
36 V - 57 V
250 kHz
AUX.
12 V / 20 mA
SEC.
5 V / 5 A
3
4
6
5
2
1
12
11
9
10
8
7
PRI.
33 V - 57 V
250 kHz
SEC.
12 V / 2.08 A
6 V / 10 mA
AUX.
11.2 V / 20 mA
1
2
4
3
5
6
10,11,12
7,8,9
36 V - 72 V
200 kHz
13 V / 20 mA
12 V / 5 A
1
2
4
3
5
6
10,11,12
7,8,9
PRI.
37 V - 57 V
250 kHz
AUX.
SEC.
5 V / 3 A
3
4
6
5
2
1
12
11
10
9
8
7
36 V - 57 V
250 kHz
12 V / 1.7 A
MAX.
PDC010-FD15A03S
PDC025-FD20A05S
PDC025-FD20A12S
PDC060-FD20A12S
PDC015-FD15A05S
PDC020-FD15A12S
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
PDC010-FD15A03S, PDC015-FD15A05S,
PDC020-FD15A12S
PDC025-FD20A05S, PDC025-FD20A12S,
PDC060-FD20A12S
Recommended Layout
1.79
(.070)
3.43
(.135)
2.5
(.098)
16.88
(.665)
1.52
(.060)
3.0
(.118)
14.99
(.590)
23.62
(.930)
30.23
(1.190)
How To Order
PDC 010 - FD15 A 03 S
Model
PDC = DC to DC
Transformer
Power Rating
010 = 10 W
Core and Size
FD15 = EFD15
EP13 = EP13
EF13 = EF12�6
RM08 = RM8
Sub-series
A = Sub-series A
Output Voltage
03 = 3 V
PCB type
S = SMD
T = THT
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com