Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1580002-A Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Part # SL1580002-A
Description  Circuit Protection Thermistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL1580002-A Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL1580002-A Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL15 80002
Ordering Different Lead Types:
For example: to order an inside kinked lead use part number SL15 80002-
A
Electrical Specifications:
Mechanical Specifications:
CSA File Number: #CA118061
Revision Date: July 8, 2003
Inside Kinked Leads
Use
-A after Ametherm’s part #
Outside Kinked Leads
Use
-B after Ametherm’s part #
Resistance @ 25°C
80.0
Ω ± 25%
Max Steady State Current Up to 65
°C
2.0 A
Max Recommended Energy Rating (Joules)
45.0 J
Actual Failure point of Instantaneous Energy (Joules)
100.0 J
Resistance @ 100% of Max Current
0.830
Ω
Resistance @ 50% of Max Current
1.400
Ω
Body Temperature @ 100% Current Rating
174 °C
Dissipation Constant
18mW/°C
Thermal Time Constant
54 seconds
Material Type
“M”
Max Capacitance @ 120VAC/240VAC
3000
µF/750µF
ON Resistance @ 1.50 Amp
0.948
Ω
D
15.0
± 0.5 mm
T
5.0
± 0.2 mm
Lead Diameter
0.8
± 0.1 mm
S
7.8
± 0.30 mm
L
38.0
± 1.50 mm
Straight Leads
Standard
B
7.50
± 0.70 mm
C
3.60
± 0.40 mm
Coating Run Down
on the Straight Leads
5.00
± 0.5 mm
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


Similar Part No. - SL1580002-A

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL1580002 AMETHERM-SL1580002 Datasheet
31Kb / 2P
Erin Landis
SL1580002 AMETHERM-SL1580002_14 Datasheet
31Kb / 2P
Erin Landis
More results

Similar Description - SL1580002-A

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
MS320R540 AMETHERM-MS320R540 Datasheet
164Kb / 1P
Circuit Protection Thermistors
MS321R036 AMETHERM-MS321R036 Datasheet
151Kb / 1P
Circuit Protection Thermistors
MS327R015 AMETHERM-MS327R015 Datasheet
148Kb / 1P
Circuit Protection Thermistors
MS353R030 AMETHERM-MS353R030 Datasheet
28Kb / 1P
Circuit Protection Thermistors
MS1115101 AMETHERM-MS1115101 Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS1566003 AMETHERM-MS1566003 Datasheet
34Kb / 1P
Circuit Protection Thermistors
NT0350311 AMETHERM-NT0350311 Datasheet
31Kb / 2P
Circuit Protection Thermistors
NT0368291 AMETHERM-NT0368291 Datasheet
31Kb / 2P
Circuit Protection Thermistors
MS2210008 AMETHERM-MS2210008 Datasheet
30Kb / 1P
Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102 Datasheet
34Kb / 1P
Circuit Protection Thermistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com