Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSO-3530ARH/SAMPLE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSO-3530ARH/SAMPLE
Description  Radiation Hardened Programmable Low Power Op Amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSO-3530ARH/SAMPLE Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSO-3530ARH/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HS-3530ARH, HS-3530AEH
FN4653 Rev 4.00
Page 2 of 7
Jun 18, 2018
Pin Configurations
HS2-3530ARH, HS2-3530AEH (CAN), MACY1-X8
TOP VIEW
HS9-3530ARH, HS9-3530AEH(FLATPACK), CDFP3-F10
TOP VIEW
Ordering Information
ORDERING
NUMBER (Notes 1, 2)
PART
NUMBER
Radiation Hardness
TEMP.
RANGE (°C)
PACKAGE (RoHS
COMPLIANT
PKG. DWG. #
HDR
LDR
5962F9568701QGA
HS2-3530ARH-8
100krad(Si)
-
-55 to +125
8 LD METAL CAN
T8.C
5962F9568701VGA
HS2-3530ARH-Q
100krad(Si)
-
-55 to +125
8 LD METAL CAN
T8.C
5962F9568702VGA
HS2-3530AEH-Q
100krad(Si)
50krad(Si)
-55 to +125
8 LD METAL CAN
T8.C
5962F9568701VXC
HS9-3530ARH-Q
100krad(Si)
-
-55 to +125
10 LD FLATPACK,
SOLDER SL
K10.A
5962F9568702VXC
HS9-3530AEH-Q
100krad(Si)
50krad(Si)
-55 to +125
10 LD FLATPACK,
SOLDER SL
K10.A
5962F9568701V9A
HS0-3530ARH-Q
100krad(Si)
-
-55 to +125
DIE
-
5962F9568702V9A
HS0-3530AEH-Q
100krad(Si)
50krad(Si)
-55 to +125
DIE
-
HS2-3530ARH/PROTO (Note 3)
HS2-3530ARH/PROTO
-
-55 to +125
8 LD METAL CAN
T8.C
HS9-3530ARH/PROTO (Note 3)
HS9-3530ARH/PROTO
-
-55 to +125
10 LD FLATPACK,
SOLDER SL
K10.A
HSO-3530ARH/SAMPLE (Note 3) HSO-3530ARH/SAMPLE
-
-55 to +125
DIE
-
NOTES:
1. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
2. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.
3. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across the temperature range specified in the DLA
SMD and are in the same form and fit as the qualified device. The /SAMPLE die is capable of meeting the electrical limits and conditions specified
in the DLA SMD at +25°C only. The /SAMPLE is a die and does not receive 100% screening across the temperature range to the DLA SMD electrical
limits. These part types do not come with a certificate of conformance because there is no radiation assurance testing and they are not DLA qualified
devices.
ISET
OUTPUT
INVERTING
V-
OFFSET
NON-INVERTING
V+
OFFSET
2
4
6
1
3
7
5
8
NULL
INPUT
INPUT
NULL
10
9
8
7
6
2
3
4
5
1
NC
OFFSET
- IN
+ IN
V -
ISET
V +
OUTPUT
OFFSET
NC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com