Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB06 Datasheet(PDF) 1 Page - Same Sky Devices

Part # MPB06
Description  MINI PUSH BUTTON SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

MPB06 Datasheet(HTML) 1 Page - Same Sky Devices

  MPB06 Datasheet HTML 1Page - Same Sky Devices MPB06 Datasheet HTML 2Page - Same Sky Devices MPB06 Datasheet HTML 3Page - Same Sky Devices MPB06 Datasheet HTML 4Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 09/12/2024
page 1 of 4
SERIES: MPB06 | DESCRIPTION: MINI PUSH BUTTON SWITCH
sameskydevices.com
FEATURES
• single pole
• surface mount
• tape and reel
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
28
Vdc
rated current
14
mA
withstanding voltage
for 1 minute
500
Vac
contact resistance
50
mΩ
insulation resistance
at 500 Vdc
500
MΩ
operating force
150
250
350
gf
actuator travel
1.1
mm
operating temperature
-25
80
°C
life
20,000
cycles
flammability rating
see material table
RoHS
yes
PART NUMBER KEY
Base Number
MPB06 - 1 X XX - R - SMT - TR
Circuit Type:
C = SPDT: ON-(ON)
Actuator Height:
00 = Flush
33 = 3.3 mm
54 = 5.4 mm
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - MPB06

ManufacturerPart #DatasheetDescription
logo
CUI INC
MPB06 CUI-MPB06 Datasheet
423Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB06-1C00-R-SMT-TP CUI-MPB06-1C00-R-SMT-TP Datasheet
423Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB06-1C33-R-SMT-TP CUI-MPB06-1C33-R-SMT-TP Datasheet
423Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB06-1C54-R-SMT-TP CUI-MPB06-1C54-R-SMT-TP Datasheet
423Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
More results

Similar Description - MPB06

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB001PA06A1UB CWIND-GPB001PA06A1UB Datasheet
569Kb / 1P
MINI PUSH BUTTON
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
CUI INC
MPB01 CUI-MPB01 Datasheet
467Kb / 6P
MINI PUSH BUTTON SWITCH
MPB02 CUI-MPB02 Datasheet
380Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB03 CUI-MPB03 Datasheet
351Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB04 CUI-MPB04 Datasheet
341Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB-CAP CUI-MPB-CAP Datasheet
275Kb / 2P
MINI PUSH BUTTON SWITCH CAP
06/03/2021
MPB05 CUI-MPB05 Datasheet
353Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB06 CUI-MPB06 Datasheet
423Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com