Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB62801F Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TB62801F
Description  Linear CCD Clock Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62801F Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TB62801F Datasheet HTML 9Page - Toshiba Semiconductor TB62801F Datasheet HTML 10Page - Toshiba Semiconductor TB62801F Datasheet HTML 11Page - Toshiba Semiconductor TB62801F Datasheet HTML 12Page - Toshiba Semiconductor TB62801F Datasheet HTML 13Page - Toshiba Semiconductor TB62801F Datasheet HTML 14Page - Toshiba Semiconductor TB62801F Datasheet HTML 15Page - Toshiba Semiconductor TB62801F Datasheet HTML 16Page - Toshiba Semiconductor TB62801F Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TB62801F
2006-06-13
13
AC Parameters
Pins marked with an asterisk (*) are test pins. Ground the input pins that are not being used as test pins so
that their logic is determined. Unless otherwise specified, bits of the same type are measured in the same way.
•
Propagation Delay Time
(1)
Light-load drive bit
(2)
Heavy-load drive bit
15/30 pF
E.g., oscilloscope
1
2
3
4
16
5
6
7
8
15
14
13
12
11
10
9
0 to 3 V
♦
♦
VCC
♦
♦
♦
350/450 pF
E.g., oscilloscope
1
2
3
4
16
5
6
7
8
15
14
13
12
11
10
9
0 to 3 V
♦
♦
VCC
♦
♦



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com