Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MANO566-R680E-S Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # MANO566-R680E-S
Description  Mini-ITX SBC with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ Processor, Intel® Q670E/R680E/H610E, 2 HDMI, DisplayPort, eDP, 2 GbE LAN, and HD Audio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MANO566-R680E-S Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  MANO566-R680E-S Datasheet HTML 1Page - Axiomtek Co., Ltd. MANO566-R680E-S Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
Updated Mar. 05, 2025.
Specifications
Display
Chipset
Intel® UHD Graphics 700 series engine
Memory Size
Share system memory
Display Interface
1 x DisplayPort++
1 x eDP
2 x HDMI
I/O
SATA
2 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, voltage, and fan speed
Ethernet
2 x 10/100/1000/2500 Mbps Ethernet with Intel® I226-LM and with Wake-on-LAN and PXE Boot ROM supported
Audio
HD Codec audio as MIC-in/Line-out with Realtek ALC888S
USB
4 x USB 3.2
4 x USB 2.0
Serial
4 x RS-232/422/485
TPM
Onboard TPM 2.0
Digital I/O
8-channel in/out programmed
Mechanical and Environmental
Dimensions
170 x 170 mm
Board Thickness
1.6 mm
Operating Temperature 0°C to +60°C (+32°F to +140°F)
Humidity
10% to 95% relative humidity, non-condensing
Packing List
I/O bracket
Ordering Information
Standard
MANO566-Q670E-S
(P/N: E38M566100)
Mini-ITX SBC with LGA1700 socket 14th/13th/12th gen Intel® Core™ processor, Intel® Q670E, 2 HDMI, DisplayPort++, eDP, 2 GbE LAN,
HD audio, and bulk packing
MANO566-H610E-S
(P/N: E38M566101)
Mini-ITX SBC with LGA1700 socket 14th/13th/12th gen Intel® Core™ processor, Intel® H610E, 2 HDMI, DisplayPort++, eDP, 2 GbE LAN,
HD audio, and bulk packing
MANO566-R680E-S
(P/N: E38M566102)
Mini-ITX SBC with LGA1700 socket 14th/13th/12th gen Intel® Core™ processor, Intel® R680E, 2 HDMI, DisplayPort++, eDP, 2 GbE LAN,
HD audio, and bulk packing
Optional
594E8422800
Cable USB 2.0 x 2/HS2 x 5P P2.0 w/ BKT L=18 cm
59384500200E
COM PORT x 2 Cable w/ bracket P=2.0 L=250 mm
505000001000
LGA1700 Cooler 1U 4500RPM
505000001100
LGA1700 Cooler 1.5U 5500RPM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com