Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803047 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803047
Description  UCT-PMP (90X38) BU - Insert label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803047 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803047 Datasheet HTML 1Page - PHOENIX CONTACT 0803047 Datasheet HTML 2Page - PHOENIX CONTACT 0803047 Datasheet HTML 3Page - PHOENIX CONTACT 0803047 Datasheet HTML 4Page - PHOENIX CONTACT 0803047 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Insert label, Sheet, blue, unlabeled, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
mounting type: snapped into marker carrier, Number of individual labels: 1, text field height: 38
mm, text field width: 90 mm
Your advantages
The UCT-PMP (90x38) system marking label is easy to mount and, if necessary, remove
•
The wide temperature range means that the labels can be used in control cabinets as well as the field
•
The sheets provide space for including function texts
•
The markers, which are supplied in uniform sheets, can be marked quickly and easily using the BLUEMARK ID..., BLUEMARK CLED, TOPMARK
LASER, or TOPMARK NEO<br/> 
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Marking service: Phoenix Contact can custom-mark all labels according to your requirements
•
Commercial data
Item number
0803047
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2617
Catalog page
Page 287 (NTK-2014)
GTIN
4046356933506
Weight per piece (including packing)
10.58 g
Weight per piece (excluding packing)
10.5 g
Country of origin
PL
UCT-PMP (90X38) BU - Insert label
0803047
https://www.phoenixcontact.com/us/products/0803047
May 14, 2025, 5:47AM
Page 1 (5)


Similar Part No. - 0803047

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803040 PHOENIX-0803040 Datasheet
186Kb / 6P
UCT-PMP (90X38) CUS - Insert label
0803041 PHOENIX-0803041 Datasheet
184Kb / 5P
UCT-PMLP (90X38) - Plastic label
0803042 PHOENIX-0803042 Datasheet
181Kb / 5P
UCT-PMLP (90X38) CUS - Plastic label
More results

Similar Description - 0803047

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803277 PHOENIX-0803277 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R BU
0803848 PHOENIX-0803848 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5)
0803849 PHOENIX-0803849 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5) YE
0803851 PHOENIX-0803851 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26)
0803856 PHOENIX-0803856 Datasheet
50Kb / 2P
Insert label - US-EMT (103X23)
0803858 PHOENIX-0803858 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109)
0803862 PHOENIX-0803862 Datasheet
50Kb / 2P
Insert label - US-EMT (13X109)
1014293 PHOENIX-1014293 Datasheet
50Kb / 4P
Plastic label - US-EMLF (104X140) BU
1014296 PHOENIX-1014296 Datasheet
50Kb / 4P
Plastic label - US-EMLF (104X70) BU
1013753 PHOENIX-1013753 Datasheet
52Kb / 3P
Insert label - PABA WH/10
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com