Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP320 Datasheet(PDF) 5 Page - Synology Inc.

Part # DP320
Description  Cyber-resilient Data Protection Solution for Endpoints
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DP320 Datasheet(HTML) 5 Page - Synology Inc.

  DP320 Datasheet HTML 1Page - Synology Inc. DP320 Datasheet HTML 2Page - Synology Inc. DP320 Datasheet HTML 3Page - Synology Inc. DP320 Datasheet HTML 4Page - Synology Inc. DP320 Datasheet HTML 5Page - Synology Inc. DP320 Datasheet HTML 6Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DATASHEET | DP320
Technical Specifications
General Specifications
Suggested Backup Source
5 TB¹
Suggested Built-in Restored VM 1
Cluster Role
Can function as an individual server or a managed server in a cluster
Hardware Specifications
Form Factor
Desktop
CPU
AMD R1600 (2 cores)
Memory
8 GB
Storage Configuration
2 x 8 TB HDD (RAID 1)
Network Interface
• 1 x 1GbE RJ-45 Port (Management)
• 1 x 1GbE RJ-45 Port (Data transfer)
Dimensions (HxWxD)
166 x 106 x 223 mm
Weight
2.9 kg
AC input power voltage
100 V to 240 V AC
Power Frequency
50/60 Hz, single phase
Power Consumption
21.07 Watt (Acess)
British Thermal Unit
71.85 BTU/hr (Acess)
Operating Environment
• Temperature: 32°F to 104°F (0°C to 45°C)
• Relative humidity: 8% to 80% RH
Storage Environment
• Temperature: -5°F to 140°F (-20°C to 60°C)
• Relative humidity: 5% to 95% RH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com