Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

813 Datasheet(PDF) 2 Page - Littelfuse

Part # 813
Description  Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

813 Datasheet(HTML) 2 Page - Littelfuse

  813 Datasheet HTML 1Page - Littelfuse 813 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/19/19
Cartridge Fuse Holders
Enclosed Fuseholders > Circuit Board Mounted
Ordering Information
Description
Ordering Number
Packaging
Cap, 5×20 mm
81500000005
Bulk 100
Cap, 6.3×32 mm
81600000005
Bulk 100
810 Series Holder
81000000005
Bulk 100
811 Series Holder
81100000005
Bulk 100
813 Series Holder
81300000005
Bulk 100
814 Series Holder
81400000005
Bulk 100
Additional Information
Datasheet
Samples
Resources
Datasheet
Samples
Resources
Datasheet
Samples
Resources
Datasheet
Samples
Resources
810 Series
810 Series
810 Series
811 Series
811 Series
811 Series
813 Series
813 Series
813 Series
814 Series
814 Series
814 Series
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com