Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECSS-101 Datasheet(PDF) 2 Page - Europa PLC

Part # ECSS-101
Description  Safe Surge Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

ECSS-101 Datasheet(HTML) 2 Page - Europa PLC

  ECSS-101 Datasheet HTML 1Page - Europa PLC ECSS-101 Datasheet HTML 2Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Europa House, Airport Way, Luton, Bedfordshire, LU2 9NH
Technical: 01582 692 444 technical@europacomponents.com
www.europa-plc.com
Data Sheet
EDS1304-002
Page 2 of 2
EUR PA
ECSS-101 Installation
The ECSS-101 surge protection device is designed to be installed directly from from a spare way in the consumer unit using 6mm cable.
Short circuit protection should be provided by a 32A ‘C’ curve MCB.
The combined length of the connecting conductors in relation to the current path should ideally be less than 0.5 Metres and in no
circumstances exceed 1 Metre.
Live + CPC = <0.5M (Maximum 1M)
Neutral + CPC = <0.5M (Maximum 1M)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com