Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL7119RHX/SAMPLE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL7119RHX/SAMPLE
Description  Radiation Hardened High Speed Dual Voltage Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL7119RHX/SAMPLE Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL7119RHX/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp ISL7119RHX/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp ISL7119RHX/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp ISL7119RHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL7119RHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL7119RHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL7119RHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL7119RHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL7119RHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
FN6607 Rev.5.02
Page 1
Feb 13, 2025
© 2007-2025 Renesas Electronics
Description
The ISL7119RH and ISL7119EH are radiation
hardened, high-speed, dual-voltage comparators
fabricated on a single monolithic chip. They operate
over a wide dual supply voltage range as well as a
single 5V logic supply and ground. The open collector
output stage facilitates interfacing with a variety of
logic devices and has the ability to drive relays and
lamps at output currents up to 25mA.
The ISL7119RH, ISL7119EH are fabricated on our
dielectrically isolated Radiation Hardened Silicon
Gate (RSG) process, which provides immunity to
Single Event Latch-Up (SEL) and highly reliable
performance in the natural space environment.
Applications
▪ Window detector
▪ Level shifter
▪ Relay driver
▪ Lamp driver
Features
▪ Electrically screened to DLA SMD # 5962-07215
• QML qualified per MIL-PRF-38535 requirements
▪ Input offset voltage (VIO): 8mV (max)
▪ Input bias current (IBIAS): 1000nA (max)
▪ Input offset current (IIO): 150nA (max)
▪ Saturation voltage at ISINK = 3.2mA (VSAT):
0.65V(max)
▪ Saturation voltage at ISINK = 25mA (VSAT):
1.8V(max)
▪ Response time (tPD): 160ns (max)
▪ Radiation acceptance testing - ISL7119RH
• HDR (50-300rad(Si)/s): 300krad(Si)
▪ Radiation acceptance testing - ISL7119EH
• HDR (50-300rad(Si)/s): 300krad(Si)
• LDR (0.01rad(Si)/s): 50krad(Si)
▪ SEE hardness (see SEE report for details)
• SEL/SEB: Immune[1]
1. Devices use dielectrically isolated (DI) technology and latch
up is physically not possible.
Figure 1. Typical Application Circuit: Inverting Comparator with Hysteresis
VTH(High)
VREF VPU VREF
–

R1
R1 R2 RPU
++
----------------------------------------
+
=
VTH(Low)
VREF VREF VOL
–

R1
R1 R2
+
---------------------
–
=
VPU VREF VOL

VREF
VIN
RPU
VOUT
R2
R1
GND
+VS
-VS
VPU
ISL7119RH, ISL7119EH
Radiation Hardened High Speed Dual Voltage Comparators


Similar Part No. - ISL7119RHX/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL7119RHX/SAMPLE RENESAS-ISL7119RHX/SAMPLE Datasheet
249Kb / 6P
Radiation Hardened High Speed Dual Voltage Comparators
Feb 9, 2023
More results

Similar Description - ISL7119RHX/SAMPLE

ManufacturerPart #DatasheetDescription
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
HIGH SPEED DUAL COMPARATORS
logo
STMicroelectronics
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
HIGH SPEED DUAL COMPARATORS
Oct-1997
logo
Intersil Corporation
HS-1825ARH INTERSIL-HS-1825ARH_05 Datasheet
131Kb / 2P
Radiation Hardened High-Speed, Dual Output PWM
June 21, 2005
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
HIGH SPEED DUAL COMPARATORS
Jun-2002
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
High speed dual comparators
28-Jan-2007
logo
Intersil Corporation
ISL7119RH INTERSIL-ISL7119RH Datasheet
48Kb / 2P
Radiation Hardened High Speed Dual Voltage Comparator
October 8, 2008
HS-1825ARH INTERSIL-HS-1825ARH Datasheet
68Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
May 10, 2012
IS-139ASEH INTERSIL-IS-139ASEH Datasheet
150Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparators
April 6, 2012
logo
Renesas Technology Corp
ISL7119RH RENESAS-ISL7119RH Datasheet
249Kb / 6P
Radiation Hardened High Speed Dual Voltage Comparators
Feb 9, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com