Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7MP01FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7MP01FK
Description  Low-Voltage Triple Gate(6-input AND 4-input OR inverter)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP01FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7MP01FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC7MP01FK
2007-10-19
2
Pin Assighment (top view)
Truth Table (AND Logic)
A
B
C
D
E
F
Y1
L
x
x
x
x
x
L
x
L
x
x
x
x
L
x
×
L
x
x
x
L
x
×
×
L
x
x
L
x
×
×
×
L
x
L
x
x
x
x
x
L
L
H
H
H
H
H
H
H
Truth Table (OR Logic)
G
H
I
J
Y2
H
x
x
x
H
x
H
x
x
H
x
x
H
x
H
x
x
x
H
H
L
L
L
L
L
Truth Table (INV. Logic)
K
Y3
L
H
H
L
16 Vcc
GND 8
D 4
E 5
A 1
B 2
C 3
F 6
G 7
11 Y3
12 J
15 Y1
14 H
13 I
10 K
9
Y2
IEC Logic Symbol
A
B
1
2
C
D
3
4
E
F
5
6
G
H
7
14
I
J
13
12
K
10
Y3
11
Y2
9
Y1
15
1
&
>1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com