Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # 2SC1623-HF
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC1623-HF Datasheet(HTML) 3 Page - Comchip Technology

  2SC1623-HF Datasheet HTML 1Page - Comchip Technology 2SC1623-HF Datasheet HTML 2Page - Comchip Technology 2SC1623-HF Datasheet HTML 3Page - Comchip Technology 2SC1623-HF Datasheet HTML 4Page - Comchip Technology 2SC1623-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
General Purpose Transistors
Rating and Characteristic Curves (2SC1623-HF Series)
0
0.4
1
Base-Emitter Voltage, VBE (V)
0.2
Fig.5 - Base-Emitter on Voltage
10
Reverse Voltage, VR (V)
Fig.6 - Cob/Cib ― VCB/VEB
0.1
10
1
100
0.8
0.6
Collector-Emitter Voltage, VCE (V)
Fig.1 - Static Characteristic
0
2
4
0
30
20
1000
1
Collector Current, IC (mA)
10
Fig.2 - DC Current Gain
100
0.1
100
Ta=25°C
Collector Current, Ic (mA)
0.1
100
10
Fig.4 - Base-Emitter Saturation Voltage
Collector Current, Ic (mA)
Fig.3 - Collector-Emitter Saturation Voltage
0.1
0.01
1
1
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
REV:A
Page 3
QW-JTR137
1
3
5
7
6
10
IB=0.01mA
0.02mA
0.03mA
0.04mA
0.05mA
0.06mA
0.07mA
0.08mA
0.09mA
0.1mA
Ta=25°C
IC:IB=10:1
0.1
100
10
1
0.1
1
Ta=25°C
IC:IB=10:1
0.1
1
10
100
VCE= 6V
Ta=25°C
1
Cib
Cob
fT=1MHz
Ta=25°C
VCE= 6V
Ta=25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com