Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4541B Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCC4541B
Description  PROGRAMMABLE TIMER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4541B Datasheet(HTML) 4 Page - STMicroelectronics

  HCC4541B_07 Datasheet HTML 1Page - STMicroelectronics HCC4541B_07 Datasheet HTML 2Page - STMicroelectronics HCC4541B_07 Datasheet HTML 3Page - STMicroelectronics HCC4541B_07 Datasheet HTML 4Page - STMicroelectronics HCC4541B_07 Datasheet HTML 5Page - STMicroelectronics HCC4541B_07 Datasheet HTML 6Page - STMicroelectronics HCC4541B_07 Datasheet HTML 7Page - STMicroelectronics HCC4541B_07 Datasheet HTML 8Page - STMicroelectronics HCC4541B_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Symbol
Parameter
Test Condi tions
Value
Unit
VI
(V)
VO
(V)
I O
(uA
)
VDD
(V)
TLow
25
°CTHigh
Mi n.
Max.
Min.
Typ. Max.
Min. Max.
IL
Quiescent
Current
HCC
Types
0/5
5
5
0.04
5
150
µA
0/10
10
10
0.04
10
300
0/15
15
20
0.04
20
600
0/20
20
100
0.08
100
3000
HCF
Types
0/5
5
5
0.04
5
150
0/10
10
10
0.04
10
300
0/15
15
20
0.04
20
600
VOH
Output High
Voltage
0/5
< 1
5
4.95
4.95
4.95
V
0/10
< 1
10
9.95
9.95
9.95
0/15
< 1
15
14.95
14.95
14.95
VOL
Output Low
Voltage
5/0
< 1
5
0.05
0.05
0.05
V
10/0
< 1
10
0.05
0.05
0.05
15/0
< 1
15
0.05
0.05
0.05
VIH
Input High
Voltage
0.5/4.5 < 1
5
3.5
3.5
3.5
V
1/9
< 1
10
7
7
7
1.5/13.5 < 1
15
11
11
11
VIL
Input Low
Voltage
4.5/0.5 < 1
5
1.5
1.5
1.5
V
9/1
< 1
10
3
3
3
13.5/1.5 < 1
15
4
4
4
IOH
Output
Drive
Current
HCC
Types
0/5
4.6
5
– 1.9
– 1.55 – 3.1
– 1.08
mA
0/5
2.5
5
– 6.2
– 5
– 10
– 3
0/10
9.5
10
– 5.0
– 4
– 8
– 2.8
0/15
13.5
15
– 12.6
– 10
– 20
– 7.2
HCF
Types
0/5
4.6
5
– 1.85
– 1.55 – 3.1
– 1.26
0/5
2.5
5
– 6.0
– 5
– 10
– 4.1
0/10
9.5
10
– 4.8
– 4
– 8
– 3.3
0/15
13.5
15
– 12
– 10
– 20
– 8.4
IOL
Output
Sink
Current
HCC
Types
0/5
0.4
5
1.9
1.55
3.1
1.08
mA
0/10
0.5
10
5.0
4
8
2.8
0/15
1.5
15
12.6
10
20
7.2
HCF
Types
0/5
0.4
5
1.85
1.55
3.1
1.26
0/10
0.5
10
4.8
4
8
3.3
0/15
1.5
15
12
10
20
8.4
IIH,IIL
Input
Leakage
Current
0/18
Any Input
18
± 0.1
± 0.1–
5
± 0.1
± 1
µA
CI
Input Capacitance
Any Input
5
7.5
pF
*TLow = - 55C for HCC device : - 40C for HCF device.
*THigh = + 125C for HCC device : + 85C for HCF device.
The Noise Margin for both ” 1 ” and ” 0 ” level is : 1V min. with VDD = 5V 2V min. with VDD = 10V 2.5V min. with VDD =15V
STATIC ELECTRICAL
HCC/HCF4541B
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com