Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M81713FP Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # M81713FP
Description  HVIC High Voltage Half-Bridge Driver 600 Volts/짹500mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M81713FP Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  M81713FP Datasheet HTML 1Page - Powerex Power Semiconductors M81713FP Datasheet HTML 2Page - Powerex Power Semiconductors M81713FP Datasheet HTML 3Page - Powerex Power Semiconductors M81713FP Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M81713FP
HVIC, High Voltage Half-Bridge Driver
600 Volts/±500mA
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
2
7/05
Absolute Maximum Ratings, Ta = 25°C unless otherwise specified
Characteristics
Symbol
M81713FP
Units
High Side Floating Supply Absolute Voltage
VB
-0.5 ~ 624
Volts
High Side Floating Supply Offset Voltage
VS
VB-24 ~ VB+0.5
Volts
High Side Floating Supply Voltage (VBS = VB – VS)
VBS
-0.5 ~ 24
Volts
High Side Output Voltage
VHO
VS-0.5 ~ VB+0.5
Volts
Low Side Fixed Supply Voltage
VCC
-0.5 ~ 24
Volts
Low Side Output Voltage
VLO
-0.5 ~ VCC+0.5
Volts
Logic Input Voltage
VIN
-0.5 ~ VCC+0.5
Volts
Allowable Offset Voltage Transient
dVs/dt
±50
V/ns
Package Power Dissipation (Ta = 25°C, On Board)
Pd
0.6
Watts
Linear Derating Factor (Ta > 25°C, On Board)
Kθ
6.0
mW/°C
Junction to Case Thermal Resistance
Rth(j-c)
50
°C/W
Junction Temperature
Tj
-20 ~ 150
°C
Operation Temperature
Topr
-20 ~ 125
°C
Storage Temperature
Tstg
-40 ~ 150
°C
Recommended Operating Conditions
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
High Side Floating Supply Absolute Voltage
VB
VS+10
—
VS+20
Volts
High Side Floating Supply Offset Voltage
VS
VB > 10V
-5
—
500
Volts
High Side Floating Supply Voltage
VBS
VB = VB – VS
10
—
20
Volts
High Side Output Voltage
VHO
VS
—
VB
Volts
Low Side Fixed Supply Voltage
VCC
10
—
20
Volts
Logic Supply Voltage
VLO
0
—
VCC
Volts
Logic Input Voltage
VIN
0
—
VCC
Volts
Electrical Characteristics, Ta = 25°C, VCC = VBS (= VB – VS) = 15V unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max. Units
Floating Supply Leakage Current
IFS
VB = VS = 600V
—
—
1.0
µA
VBS Standby Current
IBS
IN = 0V
—
0.2
0.5
mA
VCC Standby Current
ICC
IN = 0V
0.2
0.5
0.75
mA
High Level Output Voltage
VOH
IO = 0A, LO, HO
13.8
14.4
—
Volts
Low Level Output Voltage
VOL
IO = 0A, LO, HO
—
—
0.1
Volts
High Level Input Threshold Voltage
VIH
HIN, LIN
2.1
3.0
4.0
Volts
Low Level Input Threshold Voltage
VIL
HIN, LIN
0.6
1.5
2.0
Volts
High Level Input Bias Current
IIH
VIN = 5V
—
25
75
µA
Low Level Input Bias Current
IIL
VIN = 0V
—
—
1.0
µA
VBS Supply UV Reset Voltage
VBSuvr
8.0
8.9
9.8
Volts
VBS Supply UV Hysteresis Voltage
VBSuvh
0.5
0.7
—
Volts
VBS Supply UV Filter Time
tVBSuv
—
7.5
—
µs
VCC Supply UV Reset Voltage
VCCuvr
8.0
8.9
9.8
Volts
VCC Supply UV Hysteresis Voltage
VCCuvh
0.5
0.7
—
Volts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com