Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0405DF Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # X0405DF
Description  isc Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

X0405DF Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  X0405DF Datasheet HTML 1Page - Inchange Semiconductor Company Limited X0405DF Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Thyristors
X0405DF
www.iscsemi.com
1
FEATURES
· Highly sensitive triggering levels
·
For capacitive discharge ignitions, motor control
in kitchen aids, overvoltage crowbar protection
in low power supplies applications.
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
· Motor Speed Controller
· Heater Control
· Mixer
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,
VRM=VRRM,
,Tj=110℃
--
5
200
μ
A
IDRM
Repetitive peak off-state current
VDM=VDRM,
VDM=VDRM ,Tj=110℃
--
5
200
μ
A
VTM
On-state voltage
ITM= 8A, tp = 380 µs
--
1.8
V
IGT
Gate-trigger current
VD=12V, RL=140Ω
--
20
μ
A
VGT
Gate-trigger voltage
VD=12V, RL=140Ω
--
0.8
V
IH
Holding current
ITM=50mA, RGK=1KΩ
--
6
mA
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
400
V
VRRM
Repetitive peak reverse voltage
400
V
IT(AV)
On-state current 180°conduction angle
2.5
A
ITSM
Non-repetitive surge peak on-state current t= 10ms
30
A
PG(AV)
Average gate power dissipation Tj = 125℃
0.2
W
Tj
Junction temperature
125
℃
Tstg
Storage temperature
-40 to + 150
℃


Similar Part No. - X0405DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0405DF STMICROELECTRONICS-X0405DF Datasheet
677Kb / 6P
SENSITINE GATE SCR
More results

Similar Description - X0405DF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com