Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SA34F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SA34F
Description  Non-Inverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA34F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SA34F Datasheet HTML 1Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 2Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 3Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 4Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 5Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 6Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 7Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC7SA34F/FU
2007-11-01
2
Marking
Pin Assignment (top view)
Logic Diagram
Truth Table
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.8~3.6
Power supply voltage
VCC
1.2~3.6
(Note 4)
V
Input voltage
VIN
−0.3~3.6
V
0~3.6
(Note 5)
Output voltage
VOUT
0~VCC
(Note 6)
V
±24
(Note 7)
±18
(Note 8)
Output current
IOH/IOL
±6
(Note 9)
mA
Operating temperature range
Topr
−40~85
°C
Input rise and fall time
dt/dv
0~10
(Note 10)
ns/V
Note 4: Data retention only
Note 5: VCC = 0 V
Note 6: High or low state
Note 7: VCC = 3.0~3.6 V
Note 8: VCC = 2.3~2.7 V
Note 9: VCC = 1.8 V
Note 10: VIN = 0.8~2.0 V, VCC = 3.0 V
A
Y
L
L
H
H
Type name
V F
NC
IN A
GND
1
2
3
5
4
VCC
OUT Y
IN A
1
OUT Y



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com