Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCX-D080V1 Datasheet(PDF) 2 Page - BesTech Power Co., Ltd

Part # HCX-D080V1
Description  For 7.4V 2S Li-ion/Li-Polymer Battery Packs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BESTECH [BesTech Power Co., Ltd]
Direct Link  http://www.bestechpower.com
Logo BESTECH - BesTech Power Co., Ltd

HCX-D080V1 Datasheet(HTML) 2 Page - BesTech Power Co., Ltd

  HCX-D080V1 Datasheet HTML 1Page - BesTech Power Co., Ltd HCX-D080V1 Datasheet HTML 2Page - BesTech Power Co., Ltd HCX-D080V1 Datasheet HTML 3Page - BesTech Power Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Protection Circuit Module
PCM / BMS / PCB
For 7.4V 2S Li-ion/Li-Polymer Battery Packs
Tele:+86 755 29454916
Bestech Power Co.,Ltd
Fax:+86 755 29454917
3F,Bldg3,Fulian Industrial Park,Heping Industrial area,Jianhui Rd,Longhua,ShenZhen,China.
中国广东省深圳市龙华和平路和平工业区建辉路
82 号旭焕辉富联工业园 2 期 3 栋 3 楼。
Website: http://www.BesTechPower.com
http://www.BatteryBMS.com
E-mail: sales@BesTechPower.com
Page 2 of 3
4.BOM List
No.
Position
Name
Components
Quantity
1
U1
IC
R5460N 208AF
1
2
U2/U3/U4
MOS
PE8810
TSSOP-8
3
3
R1/R2
SMD resistor
331 5% 1/16W 603
2
4
R4
SMD resistor
102 5% 1/16W 603
1
5
NTC
SMD resistor
10
K 5% B=3435 0603
1
6
C1/C3
SMD capacitor
104 20% 25V 603
2
7
C2
SMD capacitor
103 20% 25V 603
1
5.Schematic Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com