Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCX-D1013 Datasheet(PDF) 2 Page - BesTech Power Co., Ltd

Part # HCX-D1013
Description  For 11.1V 3S Li-ion/Li-Polymer Battery Packs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BESTECH [BesTech Power Co., Ltd]
Direct Link  http://www.bestechpower.com
Logo BESTECH - BesTech Power Co., Ltd

HCX-D1013 Datasheet(HTML) 2 Page - BesTech Power Co., Ltd

  HCX-D1013 Datasheet HTML 1Page - BesTech Power Co., Ltd HCX-D1013 Datasheet HTML 2Page - BesTech Power Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Battery Management System
PCM / BMS / PCB
For 11.1V 3S Li-ion/Li-Polymer Battery Packs
Tel: +86 755 29454916
BesTech Power Co.,Ltd
Fax: +86 755 29454917
SZ Factory: 3F, Bldg 3, Fulian Industrial Park, Heping Industrial area, Jianhui Rd, Longhua, ShenZhen, China.
深圳工厂:中国广东省深圳市龙华和平路和平工业区建辉路
82 号旭焕辉富联工业园 2 期 3 栋 3 楼。
Website: http://www.BesTechPower.com
http://www.BatteryBMS.com
E-mail: sales@BesTechPower.com
Page 2 of 2
Connection Diagram
(BMS comes with heat-sink on top)
Remarks:
Charge, Discharge at Different terminals
P+=B+/Charge+/Discharge+
C-=Ch-
P-=Discharge-
E-Switch:
Normally designed as ON/OFF on output,
If need ON/OFF on input, please contact us for customization.
PCB Layout:
*Note: Characteristics subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com