Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SET34F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SET34F
Description  Non-Invert Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SET34F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SET34F Datasheet HTML 1Page - Toshiba Semiconductor TC7SET34F Datasheet HTML 2Page - Toshiba Semiconductor TC7SET34F Datasheet HTML 3Page - Toshiba Semiconductor TC7SET34F Datasheet HTML 4Page - Toshiba Semiconductor TC7SET34F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TC7SET34F/FU
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SET34F,TC7SET34FU
Non-Invert Buffer
Features
• High speed ................................. tpd = 5.0 ns (typ.)
at VCC = 5 V
• Low power dissipation .............. ICC = 2 μA (max)
at Ta = 25°C
• Compatible with TTL outputs...VIL = 0.8 V (max.)
VIH = 2.0 V (min.)
• 5.5V tolerant input.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
TC7SET34F
TC7SET34FU
Weight
SSOP5-P-0.95 : 0.016 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)
GND
NC
IN A
1
2
3
5
4
VCC
OUT Y
Pin Assignment (top view)
Type name
G F
Marking


Similar Part No. - TC7SET34F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET34FU TOSHIBA-TC7SET34FU_09 Datasheet
166Kb / 5P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SET34F TOSHIBA-TC7SET34F_09 Datasheet
166Kb / 5P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7SET34F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W34FU TOSHIBA-TC7W34FU Datasheet
187Kb / 6P
TRIPLE NON-INVERT BUFFER
TC7PA34FU TOSHIBA-TC7PA34FU Datasheet
148Kb / 8P
Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7SH34FE TOSHIBA-TC7SH34FE Datasheet
148Kb / 5P
NON-INVERT BUFFER
25-Feb-2004
TC7SH34FS TOSHIBA-TC7SH34FS Datasheet
168Kb / 6P
NON-INVERT BUFFER
TC7PA34FU TOSHIBA-TC7PA34FU_07 Datasheet
197Kb / 8P
Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7SH34F TOSHIBA-TC7SH34F_09 Datasheet
173Kb / 7P
Non-Inverter Buffer
09-Sep-2009
logo
Unisonic Technologies
U74AHC07 UTC-U74AHC07 Datasheet
178Kb / 4P
NON-INVERT BUFFERS WITH OPEN-DRAIN OUTPUT
U74AHC34 UTC-U74AHC34 Datasheet
144Kb / 5P
NON-INVERT BUFFER
U74AHC07 UTC-U74AHC07_15 Datasheet
190Kb / 4P
NON-INVERT BUFFERS
U74AHC34 UTC-U74AHC34_15 Datasheet
144Kb / 5P
NON-INVERT BUFFER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com