Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4093 Datasheet(PDF) 2 Page - SYC Electronica

Part # CD4093
Description  CD4093BM/CD4093BC Quad 2-Input NAND Schmitt Trigger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4093 Datasheet(HTML) 2 Page - SYC Electronica

  CD4093 Datasheet HTML 1Page - SYC Electronica CD4093 Datasheet HTML 2Page - SYC Electronica CD4093 Datasheet HTML 3Page - SYC Electronica CD4093 Datasheet HTML 4Page - SYC Electronica CD4093 Datasheet HTML 5Page - SYC Electronica CD4093 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05 to a18 VDC
Input Voltage (VIN)
b
05 to VDD a05 VDC
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
DC Supply Voltage (VDD)
3 to 15 VDC
Input Voltage (VIN)
0 to VDD VDC
Operating Temperature Range (TA)
CD4093BM
b
55 Cto a125 C
CD4093BC
b
40 Cto a85 C
DC Electrical Characteristics CD4093BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
025
025
75
m
A
Current
VDD e 10V
05
05
150
m
A
VDD e 15V
10
10
300
m
A
VOL
Low Level
VIN e VDD
lIOl k 1 mA
Output Voltage
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
VIN e VSS
lIOl k 1 mA
Output Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VTb
Negative-Going Threshold
lIOl k 1 mA
Voltage (Any Input)
VDD e 5V VO e 45V
13
225
15
18
225
15
23
V
VDD e 10V VO e 9V
285
45
30
41
45
30
465
V
VDD e 15V VO e 135V
435
675
45
63
675
45
69
V
VTa
Positive-Going Threshold
lIOl k 1 mA
Voltage (Any Input)
VDD e 5V VO e 05V
275
365
275
33
35
265
35
V
VDD e 10V VO e 1V
55
715
55
62
70
535
70
V
VDD e 15V VO e 15V
825
1065
825
90
105
81
105
V
VH
Hysteresis (VTa b VTb)VDD e 5V
05
235
05
15
20
035
20
V
(Any Input)
VDD e 10V
10
430
10
22
40
070
40
V
VDD e 15V
15
630
15
27
60
120
60
V
IOL
Low Level Output
VIN e VDD
Current (Note 3)
VDD e 5V VO e 04V
064
051
088
036
mA
VDD e 10V VO e 05V
16
13
225
09
mA
VDD e 15V VO e 15V
42
34
88
24
mA
IOH
High Level Output
VIN e VSS
Current (Note 3)
VDD e 5V VO e 46V
b
064
051
b
088
b
036
mA
VDD e 10V VO e 95V
b
16
b
13
b
225
b
09
mA
VDD e 15V VO e 135V
b
42
b
34
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
01
b
10b5
b
01
b
10
m
A
VDD e 15V VIN e 15V
01
10b5
01
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
2
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com