Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5HSERIES Datasheet(PDF) 4 Page - BRIGHTKING (SHENZHEN) CO LTD.

Part # 5HSERIES
Description  Metal Oxide Varistor (MOV) Data Sheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHTKING [BRIGHTKING (SHENZHEN) CO LTD.]
Direct Link  http://brightking.pulseelectronics.com/index.aspx
Logo BRIGHTKING - BRIGHTKING (SHENZHEN) CO LTD.

5HSERIES Datasheet(HTML) 4 Page - BRIGHTKING (SHENZHEN) CO LTD.

  5HSERIES Datasheet HTML 1Page - BRIGHTKING (SHENZHEN) CO LTD. 5HSERIES Datasheet HTML 2Page - BRIGHTKING (SHENZHEN) CO LTD. 5HSERIES Datasheet HTML 3Page - BRIGHTKING (SHENZHEN) CO LTD. 5HSERIES Datasheet HTML 4Page - BRIGHTKING (SHENZHEN) CO LTD. 5HSERIES Datasheet HTML 5Page - BRIGHTKING (SHENZHEN) CO LTD. 5HSERIES Datasheet HTML 6Page - BRIGHTKING (SHENZHEN) CO LTD. 5HSERIES Datasheet HTML 7Page - BRIGHTKING (SHENZHEN) CO LTD. 5HSERIES Datasheet HTML 8Page - BRIGHTKING (SHENZHEN) CO LTD. 5HSERIES Datasheet HTML 9Page - BRIGHTKING (SHENZHEN) CO LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
5H SERIES
Revision: MOV-5H SERIES-001(A3.1)
5 / 11
http://brightking.yageo.com
Electrical Ratings
Items
Test Condition/Description
Requirement
Varistor Voltage
The voltage between the two terminals with the specified measuring
current 1mA.DC applied is called Vb.
To meet the
Specified value
Maximum Allowable
Voltage
The recommended maximum sine wave voltage (RMS) or the
Maximum DC voltage can be applied continuously.
Maximum Clamping
Voltage
The maximum voltage between the two terminals with the
specification standard impulse current.
Applied waveform: 8/20μs
0
10
50
90
100
Time
Impulse Width
8µs
20µs
Crest value
Rated Wattage
The maximum average power that can be applied within the
specified ambient temperature.
Energy
The maximum energy within the varistor voltage change of ±10%
when one impulse of 10/1000μs or 2ms is applied.
Withstanding Surge
Current
The maximum current within the varistor voltage change of ±10%
with the standard impulse current (8/20μs) applied one time.
Varistor Voltage
Temp. Coefficient
V1mA@140℃-V1mA@25℃
V1mA@25℃
×
1
115
× 100%(%/℃)
≤0.05%/℃
V1mA@-40℃-V1mA@25℃
V1mA@25℃
×
1
65
× 100%(%/℃)
Surge Life
The change of Vb shall be measured after the impulse listed below
which is applied 10,000 times continuously with the interval of ten
seconds at room temperature.
5Φ series
180K to 680K
10A (8/20μs)
820K to 751K
20A (8/20μs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com