Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3443 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3443
Description  High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3443 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3443 Datasheet HTML 3Page - Linear Technology LTC3443 Datasheet HTML 4Page - Linear Technology LTC3443 Datasheet HTML 5Page - Linear Technology LTC3443 Datasheet HTML 6Page - Linear Technology LTC3443 Datasheet HTML 7Page - Linear Technology LTC3443 Datasheet HTML 8Page - Linear Technology LTC3443 Datasheet HTML 9Page - Linear Technology LTC3443 Datasheet HTML 10Page - Linear Technology LTC3443 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3443
7
sn3443 3443fs
OPERATIO
The LTC3443 provides high efficiency, low noise power for
applications such as portable instrumentation. The LTC
proprietary topology allows input voltages above, below or
equal to the output voltage by properly phasing the output
switches. The error amp output voltage on the VC pin de-
termines the output duty cycle of the switches. Since the
VC pin is a filtered signal, it provides rejection of frequen-
cies from well below the switching frequency. The low
RDS(ON), low gate charge synchronous switches provide
high frequency pulse width modulation control at high
efficiency. Schottky diodes across the synchronous switch
D and synchronous switch B are not required, but provide
a lower drop during the break-before-make time (typically
15ns). The addition of the Schottky diodes will improve peak
efficiency by typically 1% to 2%. High efficiency is achieved
at light loads when Burst Mode operation is entered and
when the IC’s quiescent current is a low 28µA.
LOW NOISE FIXED FREQUENCY OPERATION
Oscillator
The frequency of operation is factory trimmed to 600kHz.
The oscillator can be synchronized with an external clock
applied to the MODE/SYNC pin. A clock frequency of twice
the desired switching frequency and with a pulse width
of at least 100ns is applied. The oscillator sync range
is 690kHz to 1.2MHz (1.38MHz to 2.4MHz sync
frequency).
Error Amp
The error amplifier is a voltage mode amplifier. The loop
compensation components are configured around the
amplifier to obtain stability of the converter. The SHDN/SS
pin will clamp the error amp output, VC, to provide a soft-
start function.
Supply Current Limit
The current limit amplifier will shut PMOS switch A off
once the current exceeds 4A typical. Before the switch
current limit, the average current limit amp (3.2A typical)
will source current into the FB pin to drop the output
voltage. The current amplifier delay to output is typically
50ns.
Reverse Current Limit
The reverse current limit amplifier monitors the inductor
current from the output through switch D. Once a negative
inductor current exceeds – 400mA typical, the IC will shut
off switch D.
Output Switch Control
Figure 1 shows a simplified diagram of how the four
internal switches are connected to the inductor, VIN, VOUT
and GND. Figure 2 shows the regions of operation for the
LTC3443 as a function of the internal control voltage, VCI.
The VCI voltage is a level shifted voltage from the output of
the error amp (VC pin) (see Figure 5). The output switches
are properly phased so the transfer between operation
modes is continuous, filtered and transparent to the user.
When VIN approaches VOUT the Buck/Boost region is
reached where the conduction time of the four switch
region is typically 150ns. Referring to Figures 1 and 2, the
various regions of operation will now be described.
Buck Region (VIN > VOUT)
Switch D is always on and switch C is always off during this
mode. When the internal control voltage, VCI, is above
voltage V1, output A begins to switch. During the off time
of switch A, synchronous switch B turns on for the
remainder of the time. Switches A and B will alternate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com