Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISUM6103 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISUM6103
Description  Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISUM6103 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISUM6103 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISUM6103 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISUM6103
eq DSEP2X61-06A
Fast Recovery Diode
www.iscsemi.com
1
DESCRIPTION
·
Very short recovery time
·
Very low leakage current
·
Improved thermal behaviour
APPLICATIONS
·
Uninterruptible Power Supply (UPS) inverters
·
Switch mode power supplies (SMPS)
·
Antiparallel diode for high frequency switching devices
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
600
V
IF(RMS)
RMS forward current
100
A
IF(AV)
Average forward current,δ = 0.5
TC = 75 °C, per diode
60
A
IFSM
Surge non repetitive forward current tp = 10 ms sinusoida,
TVJ = 45 °C
600
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.82
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 60A,TJ=25℃
--
--
2.01
V
IF= 60A,TJ=150℃
--
--
1.35
V
IF=120A,TJ=25℃
--
--
2.27
V
IF= 120A,TJ=150℃
--
--
1.63
V
IR
Reverse Current
VR= VRRM;TJ=25℃
--
--
650
uA
VR= VRRM;TJ=150℃
--
--
2.50
mA


Similar Part No. - ISUM6103

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISUM6100 ISC-ISUM6100 Datasheet
296Kb / 3P
Three Phase Rectifier Bridge
ISUM6102 ISC-ISUM6102 Datasheet
524Kb / 2P
Standard Rectifier Diode
More results

Similar Description - ISUM6103

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com