Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2108 Datasheet(PDF) 13 Page - Summit Microelectronics, Inc.

Part # SML2108
Description  Laser Diode Adaptive Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2108 Datasheet(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button SML2108 Datasheet HTML 9Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 10Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 11Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 12Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 13Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 14Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 15Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 16Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 17Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
2053 2.2 11/07/00
SML2108
SUMMIT MICROELECTRONICS, Inc.
PRELIMINARY
BUS INTERFACE
GENERAL DESCRIPTION
The I2C bus is a two-way, two-line serial communication
between different integrated circuits. The two lines are: a
serial Data line (SDA) and a serial Clock line (SCL). All
Summit Microelectronics parts support a 100kHz clock
rate, and some support the alternative 400kHz clock.
Check the AC Electrical Table for the value of fSCL. The
Figure 8. I2C Data Timing
SDA line must be connected to a positive supply by a pull-
up resistor located on the bus. Summit parts have a
Schmitt input on both lines. See Figure X1 and Table X1
for waveforms and timing on the bus. One bit of Data is
transferred during each Clock pulse. The Data must
remain stable when the Clock is high.
Table 1. I2C Data Timing
2053 Table01 1.0
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
x
a
Ms
t
i
n
U
f
L
C
S
y
c
n
e
u
q
e
r
f
k
c
o
l
c
L
C
S
00
0
1z
H
k
t
W
O
L
d
o
i
r
e
p
w
o
l
k
c
o
l
C
7
.
4s
µ
t
H
G
I
H
d
o
i
r
e
p
h
g
i
h
k
c
o
l
C
0
.
4s
µ
t
F
U
B
e
m
i
t
e
e
r
f
s
u
Bn
o
i
s
s
i
m
s
n
a
r
t
w
e
n
e
r
o
f
e
B7
.
4s
µ
t
A
T
S
:
U
S
e
m
i
t
p
u
t
e
s
n
o
i
t
i
d
n
o
c
t
r
a
t
S
7
.
4s
µ
t
A
T
S
:
D
H
e
m
i
t
d
l
o
h
n
o
i
t
i
d
n
o
c
t
r
a
t
S
0
.
4s
µ
t
O
T
S
:
U
S
e
m
i
t
p
u
t
e
s
n
o
i
t
i
d
n
o
c
p
o
t
S
7
.
4s
µ
t
A
A
t
u
p
t
u
o
d
il
a
v
o
t
e
g
d
e
k
c
o
l
C)
n
e
l
c
y
c
(
A
D
S
d
il
a
v
o
t
w
o
l
L
C
S3
.
05
.
3s
µ
t
H
D
e
m
i
t
d
l
o
h
t
u
O
a
t
a
De
g
n
a
h
c
A
D
S
o
t
)
1
+
n
e
l
c
y
c
(
w
o
l
L
C
S3
.
0s
µ
t
R
e
m
i
t
e
s
i
r
A
D
S
d
n
a
L
C
S
0
0
0
1s
n
t
F
e
m
i
t
ll
a
f
A
D
S
d
n
a
L
C
S
0
0
3s
n
t
T
A
D
:
U
S
e
m
i
t
p
u
t
e
s
n
I
a
t
a
D
0
5
2s
n
t
T
A
D
:
D
H
e
m
i
t
d
l
o
h
n
I
a
t
a
D
0s
n
I
TA
D
S
d
n
a
L
C
S
r
e
t
li
f
e
s
i
o
Nn
o
i
s
s
e
r
p
p
u
s
e
s
i
o
N0
0
1s
n
t
R
W
e
m
i
t
e
l
c
y
c
e
t
i
r
W
5s
m
tF
tR
tLOW
tHIGH
tHD:SDA
tSU:SDA
tBUF
tDH
tHD:DAT
tSU:DAT
tSU:STO
SCL
SDA In
SDA Out
tAA
2053 Fig08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com