Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX157FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74LCX157FN
Description  Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX157FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74LCX157FN Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX157FN Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX157FN Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX157FN Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX157FN Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX157FN Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX157FN Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX157FN Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX157FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC74LCX157F/FN/FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
Outputs
ST
SELECT
A
B
Y
H
X
X
X
L
L
L
L
X
L
L
L
H
X
H
L
H
X
L
L
L
H
X
H
H
X: Don’t care
(13)
(15)
(11)
(1)
(3)
(2)
(6)
(5)
1Y
3A
SELECT
1B
1A
2B
2A
ST
3B
4A
4B
(10)
(14)
EN
G1
1
1
MUX
(9)
(4)
(7)
(12)
2Y
3Y
4Y
VCC
16
ST
4A
4B
4Y
3A
15
14
13
12
11
10
SELECT
1
2
3
4
5
6
7
1A
1B
1Y
2A
2B
2Y
3B
8
GND
9
3Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com