Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX240FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74LCX240FT
Description  Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX240FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74LCX240FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC74LCX240F/FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
OE
An
Outputs
L
L
H
L
H
L
H
X
Z
X: Don’t care
Z: High impedance
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
−0.5 to 7.0 (Note 2)
DC output voltage
VOUT
−0.5 to VCC + 0.5
(Note 3)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Output in OFF state
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
VCC
20
OE
2
1
Y
1
2A4
2
Y
1
2A3
19
18
17
16
15
14
OE
1
1
2
3
4
5
6
7
1A1
4
Y
2
1A2
3
Y
2
1A3
2
Y
2
3
Y
1
8
9
10
1A4
1
Y
2
GND
13
12
11
2A2
4
Y
1
2A1
1
2
4
6
8
19
11
13
15
17
18
16
14
12
EN
EN
9
7
5
3
1A1
1A2
1A3
1A4
2A1
2A2
2A3
2A4
1
Y
1
2
Y
1
3
Y
1
4
Y
1
1
Y
2
2
Y
2
3
Y
2
4
Y
2
OE
1
OE
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com