Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73096RHX/SAMPLE Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL73096RHX/SAMPLE
Description  Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73096RHX/SAMPLE Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL73096RHX/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp ISL73096RHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL73096RHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL73096RHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL73096RHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL73096RHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL73096RHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL73096RHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL73096RHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ISL73096RH, ISL73127RH, ISL73128RH, ISL73096EH, ISL73127EH, ISL73128EH
FN6475 Rev 4.00
Page 7 of 11
June 27, 2014
FIGURE 11. PNP DC CURRENT GAIN vs COLLECTOR CURRENT
FIGURE 12. PNP GAIN BANDWIDTH PRODUCT vs COLLECTOR
CURRENT
Typical Performance Curves +25°C unless otherwise specified. (Continued)
COLLECTOR CURRENT (A)
160
140
120
-1µ
100
80
60
40
20
0
-10µ
-100µ
-1m
-10m
-100m
VCE = -3V
COLLECTOR CURRENT (mA)
VCE = -5V
5.0
4.0
3.0
2.0
1.0
-0.1
-1.0
-10
-100
VCE = -3V
VCE = -1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com