Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F521R9TC Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST72F521R9TC
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R9TC Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST72F521R9TC Datasheet HTML 148Page - STMicroelectronics ST72F521R9TC Datasheet HTML 149Page - STMicroelectronics ST72F521R9TC Datasheet HTML 150Page - STMicroelectronics ST72F521R9TC Datasheet HTML 151Page - STMicroelectronics ST72F521R9TC Datasheet HTML 152Page - STMicroelectronics ST72F521R9TC Datasheet HTML 153Page - STMicroelectronics ST72F521R9TC Datasheet HTML 154Page - STMicroelectronics ST72F521R9TC Datasheet HTML 155Page - STMicroelectronics ST72F521R9TC Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 215 page
background image
ST72F521, ST72521B
152/215
CONTROLLER AREA NETWORK (Cont’d)
The worst case is when the abort request is done
when the transmission has just started. In this
case the LOCK bit cannot be reset as long as the
BUSY bit is set, this means until the end of the
frame. So the application will wait for READY to be
reset during the whole frame and in this case the
worst case will be the longest frame the applica-
tion is expected to transmit.
Figure 81. Abort with the software work-around
- by NRTX, BUSY and LOCK
Using the software work-around the worst case
occurs in the arbitration lost case. If the abort is re-
quested just after pCAN has lost the arbitration
then the application has to wait for the next falling
edge of the BUSY bit before the LOCK bit can be
reset. If the next arbitration is won by pCAN then
the BUSY bit will be reset by the end of the suc-
cessful transmission. The longest time the applica-
tion has to wait in this case is the time of the long-
est message expected on the bus (minus identifi-
er) plus the longest message expected to be trans-
mitted by the application. This roughly double the
time the application may have to wait before the
abort sequence is performed.
10.8.5.4 WKPS Functionality
Due to a fix implemented to solve the “Unexpected
Message
Transmission”
issue
(see
Section
10.8.5.3) the WKPS functionality has been modi-
fied as follows in Flash ST72F521 devices:
CAN TX
CAN RX
LOCK
READY
BUSY
TX RQST
NRTX
ABORT RQST
Device
Modification
Flash
ST72F521
Rev R
WKPS bit does not generate a wakeup
pulse. It is used to synchronize the re-
set of the LOCK bit (see “Software
Work-around - Devices with Hardware
Fix (ST72F521 rev “R”):” on page 148)
ROM
ST72521 All
revisions
WKPS bit functions according to the
datasheet description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com