Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F521R9TC Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST72F521R9TC
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R9TC Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST72F521R9TC Datasheet HTML 150Page - STMicroelectronics ST72F521R9TC Datasheet HTML 151Page - STMicroelectronics ST72F521R9TC Datasheet HTML 152Page - STMicroelectronics ST72F521R9TC Datasheet HTML 153Page - STMicroelectronics ST72F521R9TC Datasheet HTML 154Page - STMicroelectronics ST72F521R9TC Datasheet HTML 155Page - STMicroelectronics ST72F521R9TC Datasheet HTML 156Page - STMicroelectronics ST72F521R9TC Datasheet HTML 157Page - STMicroelectronics ST72F521R9TC Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 215 page
background image
ST72F521, ST72521B
154/215
CONTROLLER AREA NETWORK (Cont’d)
Workaround Description
The bus-off entry works correctly in almost all cas-
es, only when REC is greater than 127 a bus-off
will not be recognized by pCAN. Therefore the
pCAN bus-off signalling (BOFF) is still used but it
needs to be complemented by monitoring TEC by
software.
To detect the bus-off condition by software the ap-
plication has to monitor the value of the TEC reg-
ister periodically. An overflow signals a bus-off
condition. When a bus-off condition has been de-
tected the application must execute the following
sequence to recover from bus-off properly: the ap-
plication stops pCAN by clearing the RUN bit in the
CANCSR register resets all pending transmission
by clearing the LOCK bit in the BCSR register and
starts it again by setting the RUN bit.
To detect the bus-off condition properly, the TEC
monitoring period must be lower than the time be-
tween two overflows. As the problem only occurs
when pCAN is in Error Passive State (REC > 127)
pCAN will continuously try to send a SOF followed
by an Error Passive Flag and a Suspend Trans-
mission. This leads to 26 (1 + 6 + 8 + 3 + 8) bit
times. Each time TEC is incremented by 8, hence
to reach 256 the sequence must be executed 32
times. Under these conditions the shortest se-
quence leading to a TEC overflow lasts 832 bit
times.
Depending on the baudrate the application will
have to adapt the monitoring period, for example
at 500kbps the period must be less than 1600us.
The ‘C’ code below shows an implementation ex-
ample of the monitoring sequence. This code is
called periodically as described above.
To detect the overflow, the test condition must
take into account that TEC might also have been
decremented due to a successful transmission. So
an overflow condition is detected:
IF the current TEC value is lower than the previous
TEC value
AND the difference is greater than the number of
possible successful transmissions during the mon-
itoring period.
In the example above, one message can be sent,
therefore one is added to CANTECR.
************************************************/
/* INITIALISATION
/************************************************/
unsigned char TECReg=0; //Previous value of TEC
unsigned char BusOffFlag=0; //Set to one if bus-off
/************************************************/
/* BUS-OFF MONITORING SEQUENCE
/************************************************/
if( (CANCSR & BOFF) || ( CANTECR+1 < TECReg) )
{
BusOffFlag = 1;
}
else
{
TECReg = CANTECR;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com