Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BBA02 Datasheet(PDF) 21 Page - BeRex Corporation

Part # BBA02
Description  40-8000 MHz BroadBand AMP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA02 Datasheet(HTML) 21 Page - BeRex Corporation

Back Button BBA02_V01 Datasheet HTML 14Page - BeRex Corporation BBA02_V01 Datasheet HTML 15Page - BeRex Corporation BBA02_V01 Datasheet HTML 16Page - BeRex Corporation BBA02_V01 Datasheet HTML 17Page - BeRex Corporation BBA02_V01 Datasheet HTML 18Page - BeRex Corporation BBA02_V01 Datasheet HTML 19Page - BeRex Corporation BBA02_V01 Datasheet HTML 20Page - BeRex Corporation BBA02_V01 Datasheet HTML 21Page - BeRex Corporation BBA02_V01 Datasheet HTML 22Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
40-8000 MHz BroadBand AMP
BBA02
21
Rev. 6.4
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
Lead plating finish
100% Tin Matte finish
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate
thin whisker growth concerns.)
MSL / ESD Rating
ESD Rating:
Value:
Test:
Standard:
MSL Rating:
Standard:
Class 0
Passes <200V
Human Body Model (HBM)
JEDEC Standard JS-001-2014
Level 1 at +260°C convection reflow
JEDEC Standard J-STD-020
Tape & Reel
SOT89
Packaging information:
Tape Width (mm): 12
Reel Size (inches): 7
Device Cavity Pitch (mm): 8
Devices Per Reel: 1000
Package Marking
YY = Year, WW = Working Week,
XX = Wafer No.
Proper ESD procedures should be followed when handling this device.
C a u t i o n : ESD Sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com