Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC1D-D16-R00025L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # ENC1D-D16-R00025L
Description  EN - Rotary Optical Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ENC1D-D16-R00025L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  ENC1D-D16-R00025L Datasheet HTML 1Page - Bourns Electronic Solutions ENC1D-D16-R00025L Datasheet HTML 2Page - Bourns Electronic Solutions ENC1D-D16-R00025L Datasheet HTML 3Page - Bourns Electronic Solutions ENC1D-D16-R00025L Datasheet HTML 4Page - Bourns Electronic Solutions ENC1D-D16-R00025L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EN - Rotary Optical Encoder
Features
n
Two channel quadrature output
n
Bushing or servo mount
n
Square wave signal
n
Small size
n
Resolution to 256 PPR
n
CMOS and TTL compatible
n
Long life
n
Ball bearing option for high operating
speed up to 3000 rpm
n
RoHS compliant*
General Information
The Bourns® EN model is a self-contained rotary optical encoder. It produces a 2-bit
quadrature signal which is suitable for digital systems where both magnitude and direction
of adjustment must be provided. The EN encoder is ideal for use as a digital panel control
or as a position sensing device in applications where long life, reliability, high resolution and
precise linearity are critical.
The EN series encoder converts rotary input into electrical signals which can be used by
microprocessors without A/D conversion.
Bourns encoder output signals are square wave digital pulses which do not require
debounce circuitry. Both features make it possible to significantly reduce the memory
overhead, wiring and wiring interconnects required by other types of control devices.
EN optical encoders offer a useful rotational life of from 10 million to 200 million shaft
revolutions, making them ideal for extended service applications. The Bourns encoder is also
compact and well suited for situations where the available space is limited.
Electrical Characteristics
Output....................................................................................2-bit quadrature code, Channel A leads Channel B by 90 º (electrical) with clockwise rotation
Resolution................................................................................................................................................................................25 to 256 cycles per revolution
Insulation Resistance (500 VDC) ...................................................................................................................................................................1,000 megohms
Electrical Travel .....................................................................................................................................................................................................Continuous
Supply Voltage......................................................................................................................................................................................... 5.0 VDC ±0.25 VDC
Supply Current...............................................................................................................................................................................................26 mA maximum
Output Voltage
Low Output ................................................................................................................................................................................................. 0.8 V maximum
High Output..................................................................................................................................................................................................... 4 V minimum
Output Current
Low Output .................................................................................................................................................................................................25 mA minimum
Rise/Fall Time..................................................................................................................................................................................................200 ns (typical)
Shaft RPM (Ball Bearing) ........................................................................................................................................................................3,000 rpm maximum
Power Consumption .................................................................................................................................................................................. 136 mW maximum
Pulse Width (Electrical Degrees, Each Channel) ............................................................................................................................................180 º ±45 º typ.
Pulse Width (Index Channel)..................................................................................................................................................................................360 º ±90 º
Phase (Electrical Degrees, Channel A to Channel B)........................................................................................................................................90 º ±45 º typ.
Environmental Characteristics
Operating Temperature Range.......................................................................................................................................-40 ºC to +75 ºC (-40 °F to +167 °F)
Storage Temperature Range ..........................................................................................................................................-40 °C to +85 °C (-40 °F to +185 °F)
Humidity................................................................................................................................................................. MIL-STD-202, Method 103B, Condition B
Vibration ............................................................................................................................................................................................................................5 G
Shock...............................................................................................................................................................................................................................50 G
Rotational Life
A & C Bushings (300 rpm maximum)**............................................................................................................................................10,000,000 revolutions
W, S & T Bushings (3,000 rpm maximum)**..................................................................................................................................200,000,000 revolutions
IP Rating..........................................................................................................................................................................................................................IP 40
**For resolutions ≤ 128 quadrature cycles per shaft revolution.
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of
this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
Europe: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com


Similar Part No. - ENC1D-D16-R00025L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ENC1D-D16-L00128L BOURNS-ENC1D-D16-L00128L Datasheet
289Kb / 3P
EN - Rotary Optical Encoder
More results

Similar Description - ENC1D-D16-R00025L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14 BOURNS-EM14 Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14-14 BOURNS-EM14-14 Datasheet
462Kb / 5P
Rotary Optical Encoder w/Switch
EM14 BOURNS-EM14_10 Datasheet
499Kb / 5P
14 mm Rotary Optical Encoder w/Switch
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
EM14A0D-C24-L032S BOURNS-EM14A0D-C24-L032S Datasheet
504Kb / 5P
EM14 - 14 mm Rotary Optical Encoder w/Switch
ENS1J-B28-L00256L BOURNS-ENS1J-B28-L00256L Datasheet
274Kb / 3P
EN - Rotary Optical Encoder
ENA1J-B28-L00128L BOURNS-ENA1J-B28-L00128L Datasheet
289Kb / 3P
EN - Rotary Optical Encoder
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L_12 Datasheet
274Kb / 3P
Rotary Optical Encoder
EM14R1D-R20 BOURNS-EM14R1D-R20 Datasheet
504Kb / 5P
EM14 - 14 mm Rotary Optical Encoder w/Switch
logo
List of Unclassifed Man...
LPD3806-100BM-G5-24C ETC-LPD3806-100BM-G5-24C Datasheet
235Kb / 2P
DIGITAL OPTICAL ROTARY ENCODER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com