Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OULP-948 Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # OULP-948
Description  Tri-Barrier Terminal Blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

OULP-948 Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  OULP-948 Datasheet HTML 1Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications:
OULP-947 Series
Features:
• Τri-Barrier Construction
• UL Recognized
• M4 Screws
• High Current – Rated for 30A
Electrical:
Current:
30A @ 300V
Wire Range:
10 - 12 AWG
Pin Dimension:
2mm x 1mm
IR:
>10
(1000V DC)
Operating temp:
-40
°C - +90°C
Materials:
Housing:
PBT (UL 94V-O)
Terminal:
Brass tin-plated
Screw:
M4 Steel, Ni plated
Positions Available: 2-25
Specifications:
OULP-948 Series
Features:
• Τri-Barrier Construction
•
Staggered Pin Configuration
• High Voltage – Rated for 600V
•
UL Recognized
• M4 Screws
• High Current – Rated for 30A
Electrical:
Current:
30A @ 600V
Wire Range:
10 - 12 AWG
Pin Dimension:
2mm x 1mm
IR:
>10
(1000V DC)
Operating temp:
-40
°C - +90°C
To
Materials:
Housing:
PBT (UL 94V-O)
Terminal:
Brass tin-plated
Screw:
M4 Steel, Ni plated
Positions Available: 2-25
BlockMaster Electronics, Inc.
(800) 595-8881
www.blockmaster.com
Tri-Barrier Terminal Blocks
OULP-947 Series
OULP-948 Series
30A 300V
11 mm (.433”) 30A 600V
11 mm (.433”)
Dimensions
n= number of poles
A=(nx11) + 2
Dimensions
n= number of poles
A=(nx11) + 2
Ordering Information
OULP-947
Mounting
B= no mtg. ears
M= with mtg. ears
Ordering Information
P
Poles
2-25
OULP-948
Mounting
B= no mtg. ears
M= with mtg. ears
P
8
Poles
2-25


Similar Part No. - OULP-948

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
OULP-930 BLOCKMASTER-ELECTRONICS-OULP-930 Datasheet
80Kb / 1P
Barrier Terminal Blocks
OULP-936 BLOCKMASTER-ELECTRONICS-OULP-936 Datasheet
80Kb / 1P
Barrier Terminal Blocks
More results

Similar Description - OULP-948

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
SPLICER TERMINAL BLOCKS
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
Barrier Terminal Blocks
logo
Molex Electronics Ltd.
38969-0002 MOLEX-38969-0002 Datasheet
152Kb / 2P
TSE Single-Row Tri-Barrier Terminal Strip PC Tail Terminal Style
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
BUCHANAN Terminal Blocks
logo
Spectrum Microwave, Inc...
52-188-002-A SPECTRUM-52-188-002-A Datasheet
124Kb / 2P
Barrier Strip Filtered Terminal Blocks
logo
API Technologies Corp
52F188-002-A APITECH-52F188-002-A Datasheet
371Kb / 3P
Barrier Strip Filtered Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
SMD Terminal Blocks
06/2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com