Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA12HDS Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # PA12HDS
Description  PA Series Dual Row European Style Terminal Strips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

PA12HDS Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  PA12HDS Datasheet HTML 1Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications:
Euro Style PA SERIES
Features:
•
Wire guard standard on all series
•
Color: Natural White (standard). Other colors
available, Black, Red, Blue, Green & Yellow.
•
Captive screws
PA08HDS
Current:
25A @ 600V
Wire range:
12 to 22 AWG
Wire section(mm2):
1.5 mm2
Centerline spacing:
8 mm
Wire hole size:
2.9 mm
Mounting holes:
2.9 mm
Dimension a = (12 poles)
93.5 mm
Dimension b =
15.5 mm
PA10HDS
Current:
30A @ 600V
Wire range:
10 to 22 AWG
Wire section(mm2):
2.5 mm2
Centerline spacing:
10 mm
Wire hole size:
3.45 mm
Mounting holes:
3.6 mm
Dimension a = (12 poles)
116.5 mm
Dimension b =
16.5 mm
PA12HDS
Current:
35A @ 600V
Wire range:
10 to 16 AWG
Wire section(mm2):
6 mm2
Centerline spacing:
12 mm
Wire hole size:
4.2 mm
Mounting holes:
3.8 mm
Dimension a = (12 poles)
139.5mm
Dimension b =
19.5 mm
PA14HDS
Current:
50A @ 300V
Wire range:
8 to 20 AWG
Wire section(mm2):
10 mm2
Centerline spacing:
14 mm
Wire hole size:
5.0 mm
Mounting holes:
4.4 mm
Dimension a = (12 poles)
158 mm
Dimension b =
25.0 mm
Materials (All Series)
Housing:
Thermoplastic (UL94V-2)
Terminal:
Brass, Nickel plated
Screw:
Zinc plated Steel, blue chromated
Positions available: 2 to 12
Temperature range: -40°C to +105°C
Withstand Voltage: 2200V
Ordering Information
c
a
a
d
f
b
e
c
g
Dimensions (mm)
PA 08
PA 10
PA 12
PA 14
a
Length
93.5
116.5
139.5
158.0
b
Height
15.5
16.5
19.5
25.0
c
Width
17.7
20
23.8
25.6
d
Fixing hole
2.9
3.5
3.6
4.4
e
Wiring hole
2.9
3.45
4.2
5.0
f
Pitch
8
10
12
14
g
Screw
M2.6x5.4
M3x6
M3.5x7.2
M4.0x9
PA 08 HDS
10
12
14
—
Poles
(02 to 12)
1400 Howard Street
Elk Grove Village, IL 60007
Phone: (800) 595-8881
Www.BLOCKMASTER.COM
PA Series Dual Row European Style Terminal Strips
Custom Legends
Available


Similar Part No. - PA12HDS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA12H APEX-PA12H Datasheet
105Kb / 1P
POWER OPERATIONAL AMPLIFIERS
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
More results

Similar Description - PA12HDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM-105-01 ETC1-TSM-105-01 Datasheet
795Kb / 2P
TERMINAL STRIPS
logo
Adam Technologies, Inc.
TBA0201B ADAM-TECH-TBA0201B Datasheet
104Kb / 1P
1BARRIER TERMINAL STRIPS
TBA-05-04-M ADAM-TECH-TBA-05-04-M Datasheet
125Kb / 1P
BARRIER TERMINAL STRIPS
logo
Major League Electronic...
BSTC-1-D MAJOR-LEAGUE-BSTC-1-D Datasheet
265Kb / 1P
.100 cl Dual Row Board Stacker Terminal Strips - Custom
BSTS-1-D MAJOR-LEAGUE-BSTS-1-D Datasheet
262Kb / 1P
.100 cl Dual Row Board Stacker Terminal Strips
BSTS-2-D MAJOR-LEAGUE-BSTS-2-D Datasheet
99Kb / 1P
.079cl Dual Row - Straight Board Stacker Terminal Strips
BSTS-6-S MAJOR-LEAGUE-BSTS-6-S Datasheet
229Kb / 1P
.050 cl Dual Row - Straight Board Stacker Terminal Strips
BSTC-7-D MAJOR-LEAGUE-BSTC-7-D Datasheet
121Kb / 2P
.0394 cl Dual Row - Straight Board Stacker Terminal Strips
TSHS-6-D MAJOR-LEAGUE-TSHS-6-D Datasheet
74Kb / 1P
.050x.100 cl Dual Row - Straight Terminal Strips
logo
List of Unclassifed Man...
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com