Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79L05C Datasheet(PDF) 3 Page - Silicon Supplies

Part # 79L05C
Description  Linear Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

79L05C Datasheet(HTML) 3 Page - Silicon Supplies

  79L05C Datasheet HTML 1Page - Silicon Supplies 79L05C Datasheet HTML 2Page - Silicon Supplies 79L05C Datasheet HTML 3Page - Silicon Supplies 79L05C Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Absolute Maximum Ratings
PARAMETER
Linear Voltage Regulator – 79L05C
Rev 1.0
01/05/25
SYMBOL
VALUE
UNIT
Input Voltage
VIN
-30
V
Power Dissipation
1
PD
625
mW
Operating Temperature Range
-
-55 to 125
°C
Maximum Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 to 150
°C
PARAMETER
SYMBOL
MIN
MAX
UNIT
Input Voltage
VIN
-7
-20
V
Output Current
IOUT
-
100
mA
Operating Temperature Range
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TJ
-55
125
°C
Recommended Operating Conditions
DC Electrical Characteristics V
l = -10V, lOUT=40mA,CI=0.33µF, CO=0.1µf, 0°C<TJ<+125°C(unless noted otherwise)
Output Voltage
VOUT
TJ = 25°C, lO =40mA
-4.60
-5.00
-5.40
V
1mA ≤ IOUT ≤ 40mA,-7V ≥ VIN ≥ -20V
-4.50
-5.00
-5.50
1mA ≤ IOUT ≤ 70mA, VIN = -10V
-4.50
-5.00
-5.50
Line Regulation
ΔVOUT
-7V ≥ VIN ≥ -20V,TJ = 25°C, lO=40mA
-
-
200
mV
-8V ≥ VIN ≥ -20V,TJ = 25°C, lO=40mA
-
-
150
Load Regulation
ΔVOUT
1mA ≤ IOUT ≤ 100mA, TJ = 25°C
-
-
60
1mA ≤ IOUT ≤ 40mA, TJ = 25°C
-
-
30
Input Bias Current
IB
TJ = 25°C
-
3.5
6.0
mA
TJ = 125°C
-
-
5.5
Input Bias Current
Change
ΔIB
-8V ≥ VIN ≥ -20V
-
-
1.5
mA
1mA ≤ IOUT ≤ 40mA
-
-
0.2
Output Noise
Voltage
eN
10Hz ≤ f ≤ 100KHz, TJ = 25°C
-
40
-
µVRMS
Ripple Rejection
RR
f = 120Hz,-8V ≥ VIN ≥ 18V,TJ = 25°C
40
49
-
dB
Dropout Voltage
VD
VIN – VOUT
-
1.7
-
V
1. Value measured in TO-92 package applicable only for DC power dissipation permitted by absolute maximum ratings. Results in
die form are dependent on die attach and assembly method.
Page 3 of 4
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com