Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP-RJ12-2 Datasheet(PDF) 1 Page - Novaris

Part # MPP-RJ12-2
Description  RJ Modular Plug Protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

MPP-RJ12-2 Datasheet(HTML) 1 Page - Novaris

  MPP-RJ12-2 Datasheet HTML 1Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TELEPHONE PROTECTION
RJ Modular Plug Protection
Novaris Modular Plug provides protection for twisted pair telecommunication
services suitable for telephones, FAX, dial-up, ISDN and DSL modems.
Electrical Specifications
Connection type
Series
Modes of protection
Transverse and common
Number of pairs
1
2
1
Maximum continuous voltage
U
c
200VDC
Maximum discharge current (8/20µs)
I
max
10kA
50kA
Maximum load current
I
L
350mA
180mA
Protection stages
Multistage
Voltage protection level @ 5kV (10/700µs)
U
p
<150V
<30V
Maximum frequency
20MHz
Series resistance
8.2
W
17
W
Mechanical Specifications
Operating temperature / humidity
-40 to +85ºC / 5 to 95%
Connection type
RJ12
RJ45
RJ12 / Screw terminal
Environmental
IP 20
Enclosure / colour
Aluminium / black
Weight (packed)
100g
Dimensions (enclosure only)
Width
26mm
Height
26mm
Depth
90mm
Standards Compliance
AS/NZS 4117
AS/ACIF S002
AS/NZS 60950
AS/NZS 1768
IEEE C62.41
IEC 61643-21
UL497B
A-tick
Product Series
Connector Type
MPP - RJ12
45


Similar Part No. - MPP-RJ12-2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPP DBLECTRO-MPP Datasheet
153Kb / 2P
Metallized Polyester Film Capacitor (Coating)
logo
Ferroxcube Internationa...
MPP FERROXCUBE-MPP Datasheet
62Kb / 4P
Material specification
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
High Ripple Current ??Low ESR ??High Reliability
logo
RFE international
MPP RFE-MPP Datasheet
1Mb / 3P
Metalized Polypropylene Film Capacitors MPP Series: Radial Dipped
SEP-27-2023
logo
PowerData Technologies ...
MPP 2/0 POWERDATATECHNOLOGIES-MPP 2/0 Datasheet
172Kb / 1P
Modular under desk power & data products
More results

Similar Description - MPP-RJ12-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJS-12A08T109A ETC1-RJS-12A08T109A Datasheet
162Kb / 4P
RJ-45 MODULAR JACK FOR FAST ETHERNET
logo
Delta Electronics, Inc.
100BASE-TX DELTA-100BASE-TX Datasheet
186Kb / 5P
RJ-45 MODULAR JACK FOR FAST ETHERNET
logo
Tyco Electronics
RJ11-6LCT1-S MACOM-RJ11-6LCT1-S Datasheet
295Kb / 6P
Low Capacitance Modular RJ Jacks
RJH-4L-B MACOM-RJH-4L-B Datasheet
281Kb / 7P
Inductive Filtering Modular RJ Jacks
RJ11-6N-B MACOM-RJ11-6N-B Datasheet
258Kb / 6P
N Series- Low Profile Filtered Modular RJ Jack
RJ11-2X MACOM-RJ11-2X Datasheet
248Kb / 6P
X Series-Unfiltered Modular RJ Jack
RJ11-6LCT1-S MACOM-RJ11-6LCT1-S_11 Datasheet
285Kb / 6P
Low Capacitance Modular RJ Jacks
RJH-4L-B MACOM-RJH-4L-B_11 Datasheet
335Kb / 7P
Inductive Filtering Modular RJ Jacks
logo
TE Connectivity Ltd
RJ11 TEC-RJ11 Datasheet
285Kb / 6P
Low Capacitance Modular RJ Jacks
logo
Amphenol Communications...
P-DRPC2-XXXX-XXXX AMPHENOLCS-P-DRPC2-XXXX-XXXX Datasheet
503Kb / 2P
INDUSTRIAL PLUG CABLE ASSEMBLY, INDUSTRIAL RJ PLUG INDUSTRIAL RJ PLUG-RoHS COMPLIANT
Rev. B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com