Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM511 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM511
Description  COM Express Type 6 Application Board with LVDS, VGA, DDI, Dual LANs and Audio
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM511 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM511 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
47
www.axiomtek.com
© 2021 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
CEB94021
SATA
1 x SATA-600
Hardware Monitoring
Yes
Ethernet
1 x 10/100/1000 Mbps Ethernet with Intel® i210-IT; supports
Wake-on-LAN, PXE Boot ROM
1 x 10/100/1000 Mbps signals routed from CPU module
Audio
HD audio with Line-out, MIC-in & Line-in
USB
4 x USB 2.0
2 x USB 3.0
Serial
1 x RS-232
3 x RS-232/422/485
TPM
N/A
SMBus
Yes
others
1 x I
2C
GPIO
8-CH in & 8-CH out
Display
1 x LVDS; 18/24-bit dual channel
1 x VGA
1 x DDI
CPU
On the module
System Memory
On the module
Chipset
On the module
BIOS
On the module
SSD
N/A
Watchdog Timer
On the module
Expansion Interface
2 x Full-size PCI Express Mini Card slot (one slot supports mSATA)
1 x SIM card slot
Battery Lithium
Lithium 3V/220 mAH
Power Input
12V DC input via in a ATX connector
Dimensions
125 x 95 mm
Board Thickness
1.6 mm
Operating Temperature
-40ºC to +85ºC (-40ºF to +185ºF)
Humidity
10% to 95% relative humidity, non-condensing
Standard
CEB94021VGA
(P/N: E394021100)
COM Express Type 6 application board with PCI Express Mini
Card slot, 2 GbE LANs, LVDS, VGA and multiple I/O features
Compliant Modules
CEM500 Series
COM Express Type 6 Basic module with 6th gen Intel®
Xeon® and Core™ i7/i5/i3 processor (Skylake-H)
CEM510 Series
COM Express Type 6 Basic module with Intel® Xeon® E3 or
7th gen Intel® Core™ i7/i5/i3 processor (Kaby Lake-H)
CEM501 Series
COM Express Type 6 Compact module with 6th gen Intel®
Core™ i7/i5/i3 or Celeron® processor (Skylake-U)
CEM511 Series
COM Express Type 6 Compact module with 7th gen Intel®
Core™ i7/i5/i3 or Celeron® 3965U processor (Kaby Lake-U)
Optional
59466993900E
AX98699 IDC 30P to 30P P=0.4mm L=150mm
83986991010E
AX98699-HDMI Converter Board
I/O
Packing List
Core System
Quick installation guide
Ordering Information
PCIe Mini
PCIe Mini
PCIe Mini
USB 3.0
USB
USB
Ext. Temp
Full Solid
Cap Design
COM Express Type 6 Application Board with LVDS, VGA, DDI, Dual LANs and Audio
Features
● 125 x 95 mini size form factor
● 2 GbE LANs
● SATA-600
● LVDS, VGA and DDI
● 4 USB 2.0 and 2 USB 3.0
● 2 PCI Express Mini Card slots
● 3 RS-232/422/485 and 1 RS-232
Front view
Rear view
Fan
USB 3.0
VGA
SATA power
SATA
I
2C
SMBus
Power
USB 2.0
COM
DIO
COM
Audio
LAN 2
LAN 1 LED
LAN 2 LED
DDI
LVDS
COM Express
connector
LAN 1


Similar Part No. - CEM511

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM511 AXIOMTEK-CEM511 Datasheet
255Kb / 1P
COM Express Type 6 Module with 7th Gen Intel Core i7/i5/i3 Processor
CEM511 AXIOMTEK-CEM511 Datasheet
376Kb / 2P
COM Express Type 6 Application Board with MXM Slot
Jul. 29, 2019.
CEM511 AXIOMTEK-CEM511 Datasheet
424Kb / 1P
COM Express Type 6 Compact Module with 7th Gen Intel® Core™ & Celeron® Processor
Jun. 02, 2020.
CEM511PG-CEL-3965U AXIOMTEK-CEM511PG-CEL-3965U Datasheet
424Kb / 1P
COM Express Type 6 Compact Module with 7th Gen Intel® Core™ & Celeron® Processor
Jun. 02, 2020.
CEM511PG-I3-7100U AXIOMTEK-CEM511PG-I3-7100U Datasheet
424Kb / 1P
COM Express Type 6 Compact Module with 7th Gen Intel® Core™ & Celeron® Processor
Jun. 02, 2020.
More results

Similar Description - CEM511

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-210 ADVANTECH-AIMB-210 Datasheet
1Mb / 3P
Intel짰 ATOM??Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
AIMB-212 ADVANTECH-AIMB-212 Datasheet
883Kb / 2P
Intel짰 N450/D510 Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
20-Jan-2010
SOM-AB5500 ADVANTECH-SOM-AB5500 Datasheet
1Mb / 2P
COM-Express Mini Application Board
SOM-AB5710 ADVANTECH-SOM-AB5710_12 Datasheet
1Mb / 2P
COM-Express Application Board
SOM-AB5500 ADVANTECH-SOM-AB5500_13 Datasheet
250Kb / 2P
COM-Express Mini Application Board
logo
Axiomtek Co., Ltd.
CAPA841 AXIOMTEK-CAPA841 Datasheet
395Kb / 1P
Intel짰 Atom Processor E3845/E3827 3.5 Embedded SBC with LVDS/VGA/HDMI,Dual LANs and Audio
logo
Advantech Co., Ltd.
SOM-AB5510 ADVANTECH-SOM-AB5510_15 Datasheet
970Kb / 2P
COM Express 3.5" Application Board
logo
Axiomtek Co., Ltd.
SBC84621 AXIOMTEK-SBC84621_17 Datasheet
308Kb / 1P
3.5 Embedded SBC with AMD LX800, Dual LANs, 4 COM, 4 USB 2.0 and VGA/LVDS
CEB94018 AXIOMTEK-CEB94018 Datasheet
339Kb / 1P
COM Express Type 10 Mini Carrier Board, LVDS/VGA, Dual LANs and Audio
logo
Advantech Co., Ltd.
SOM-AB5510 ADVANTECH-SOM-AB5510 Datasheet
970Kb / 2P
COM Express 3.5' Application Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com