Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VCX573FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VCX573FK
Description  Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX573FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX573FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TC74VCX573FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Level
Truth Table
Inputs
OE
LE
D
Outputs
H
X
X
Z
L
L
X
Qn
L
H
L
L
L
H
H
H
X: Don’t care
Z: High impedance
Qn: Q outputs are latched at the time when the LE inputs is taken to a low logic level.
System Diagram
VCC
20
Q0
Q1
Q2
Q3
Q4
19
18
17
16
15
14
OE
1
2
3
4
5
6
7
D0
D1
D2
D3
D4
D5
Q5
8
9
10
D6
D7
GND
13
12
11
Q6
Q7
LE
(1)
(11)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(19)
(18)
(17)
(16)
(15)
(14)
(13)
(12)
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
EN
1D
C1
OE
LE
D0
D1
D2
D3
D4
D5
D6
D7
LE
OE
Q1
1
11
2
19
Q2
3
18
Q3
4
17
Q4
5
16
Q5
6
15
Q6
7
14
Q7
8
13
L
Q
D
L
Q
D
L
Q
D
L
Q
D
L
Q
D
L
Q
D
L
Q
D
D1
D2
D3
D4
D5
D6
D7
9
12
L
Q
D
Q0
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com