Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASLS-5 Datasheet(PDF) 1 Page - Comus International

Part # ASLS-5
Description  Shock / Acceleration Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

ASLS-5 Datasheet(HTML) 1 Page - Comus International

  ASLS-5 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: ASLS-5 (Alternate Part No: S1314)
Shock / Acceleration Switch
Product Data Sheet
PICTURE
OPERATION
FEATURES
DIMENSIONS
• Resistant to Severe Environmental Conditions
• Case Material Steel-Gold Plated
• Hermetically Sealed & Inert Gas Filled
Ø 0.181
(Ø 4.6) MAX
0.268 (6.8)
0.709 (18.0) MAX
Ø 0.020
(Ø 0.5)
0.114 (2.92)
ACCELERATE THIS
DIRECTION TO
CLOSE CONTACTS
WORKING POSITION
Contact Form / Style
Normally Open
Contact Capacity
24 VDC MAX, 0.25 A MAX, 5 VA. MAX
Contact Resistance
10 Ω MAX
Operating Temperature
-20˚ +85˚C
Storage Temperature
-25˚ +90˚C
Activation Level
5 - 9.9 G
Drawings not to scale.
All dimensions in inches (mm) nominal.
SPECIFICATION
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
5 / 2015


Similar Part No. - ASLS-5

ManufacturerPart #DatasheetDescription
logo
Comus International
ASLS-10 COMUS-ASLS-10 Datasheet
579Kb / 1P
Shock / Acceleration Switch
ASLS-1020 COMUS-ASLS-1020 Datasheet
492Kb / 1P
Resistant to Severe Environmental Conditions
Rev.0 - 3 / 2025 - BR
ASLS-15 COMUS-ASLS-15 Datasheet
584Kb / 1P
Resistant to Severe Environmental Conditions
5 / 2015
ASLS-2 COMUS-ASLS-2 Datasheet
576Kb / 1P
Shock / Acceleration Switch
More results

Similar Description - ASLS-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SENACC-010 ETC2-SENACC-010 Datasheet
150Kb / 3P
Acceleration Sensor - SENACC
logo
Axiomtek Co., Ltd.
AX12600 AXIOMTEK-AX12600 Datasheet
138Kb / 1P
Direct 3D Acceleration
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
MR-330 ETC2-MR-330 Datasheet
259Kb / 2P
Network Acceleration Appliance
logo
Bosch Sensortec GmbH
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
Digital, triaxial acceleration sensor
logo
SignalQuest, Inc.
SQ-ASX SIGNALQUEST-SQ-ASX Datasheet
754Kb / 8P
ON/OFF SHOCK AND ACCELERATION SENSOR
logo
Pepperl+Fuchs Inc.
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
Acceleration sensor
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
Acceleration sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com