Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTWIFI Datasheet(PDF) 2 Page - Timeguard

Part # FSTWIFI
Description  Wi-Fi Controlled Fused Spur
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

FSTWIFI Datasheet(HTML) 2 Page - Timeguard

  FSTWIFI Datasheet HTML 1Page - Timeguard FSTWIFI Datasheet HTML 2Page - Timeguard FSTWIFI Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Switch Type
Standby Consumption
Number Of Channels
Switch Rating
Shortest Switching Time
Programmable Slots
Permanent ON Facility
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Protruding Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
Double Pole
<0.5W
1
13A Resistive, 1000W Incandescent/Halogen,
500W Fluorescent, 500W LED, 100W CFL
1 Minute
6 ON, 6 OFF
Yes (App Enabled or Power Button)
Yes (Multiple Devices On App)
Bottom Entry, Back Entry
General
157
85
85
44
31
Polycarbonate
White
Fittings, 13A Fuse
5012483013854
3 Years
9032890090
Data sheet
FSTWIFI
Time / Immersion & General Purpose Timeswitches
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
21/05/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com