Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR030DL Datasheet(PDF) 4 Page - Littelfuse

Part # PSR030DL
Description  LSCR SERIES HIGH-SPEED FUSE BLOCKS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR030DL Datasheet(HTML) 4 Page - Littelfuse

  PSR030DL Datasheet HTML 1Page - Littelfuse PSR030DL Datasheet HTML 2Page - Littelfuse PSR030DL Datasheet HTML 3Page - Littelfuse PSR030DL Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
POWR-GARD® Blocks & Holders
LSCR SERIES HIGH-SPEED FUSE BLOCKS
FUSE SERIES
CATALOG NUMBER
LSCR001
LSCR002
LSCR101
LSCR102
LSCR103
TERMINAL SIZE
1/4–20 UNC
3/8–16 UNC
1/4–20 UNC
3/8–16 UNC
1/2–13 UNC
VOLTAGE RATING
700 V ac/1500 V dc 700 V ac/1500 V dc
1000 V ac/dc
1000 V ac/dc
1000 V ac/dc
AMPERE RATING
400 A
800 A
400 A
800 A
1200 A
ESR1XLDB
125–250
X
ESR1XLUB
125–250
X
ESR3XLDB
250–630
X
EV1K
60–125
X
EV1K
150–600
X
PSR030DL
40–550
X
PSR030DS
40–550
X
PSR030UL
40–550
X
PSR030US
40–550
X
PSR031DL
200–800
X
PSR031DS
200–800
X
PSR031UL
200–800
X
PSR031US
200–800
X
PSR032DL
400–800
X
PSR032DS
400–800
X
PSR032UL
400–1100
X
PSR032US
400–1100
X
PSR033DL
450–800
X
PSR033DS
450–800
X
PSR070DL
50–315
X
X
PSR070UL
50–315
X
X
PSR071DL
160–450
X
X
PSR071UL
160–450
X
PSR072DL
250–630
X
X
PSR072UL
250–630
X
PSR073DL
315–700
X
X
PSX1XLDB
80–700
X
PSX1XLUB
80–700
X
PSX3XLDB
450–630
X
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for
their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
High-Speed Fuse Block Selection Guide
Littelfuse.com/LSCR
© 2024 Littelfuse, Inc.
Rev: 022724
4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com