Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT3 Datasheet(PDF) 2 Page - ABB

Part # XT3
Description  Tmax XT molded case circuit breakers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

XT3 Datasheet(HTML) 2 Page - ABB

  XT3 Datasheet HTML 1Page - ABB XT3 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Contact us
ABB
Electrification Products
8155 T&B Boulevard
Memphis, TN 38125
www.abb.com/lowvoltage
Customer Service: 800-816-7809
7:00 a.m. - 5:30 p.m., CST, Monday-Friday
elec_custserv@tnb.com
Technical Support: 888-385-1221, Option 1
7:00 a.m. - 5:00 p.m., CST, Monday-Friday
lvps.support@us.abb.com
(3) Frame size
1
XT1—to 125A, 480V Thermal magnetic protection
2
XT2—to 125A, 600V Thermal magnetic and electronic protection
3
XT3—to 225A, 480V Thermal magnetic protection
4
XT4—to 250A, 600V Thermal magnetic and electronic protection
(5) Standard
Code
UL 80% rated / IEC dual rated
U
UL 100% rated / IEC dual rated
Q
(4) Interrupting ratings (breaking capacity)
kA at 480V AC
XT1
XT2
XT3
XT4
N
Normal breaking capacity
25
25
25
25
S
Standard breaking capacity
35
35
10
35
H
High breaking capacity
65
65
65
L
Extra high breaking capacity
100
100
(6) Number of poles
Number of lines (wires) the breaker is required to control
(7-9) Nominal current
The maximum current under nominal or rated voltage and power conditions (i.e. 015 for 15A or 125 for 125A)
(10) Trip unit
A
Thermal magnetic fixed (TMF)
B
Thermal magnetic adjustable (TMD/TMA)
D
Molded case switch disconnector
E
Ekip LS/I (Electronic, LS/I protection)
G
Ekip LSIG (Electronic, LSIG protection)
M
Motor circuit protector (MCP - magnetic only, MA/MF)
(16) Key locks
X
None
A
Ronis key lock, open position - A type
E
Ronis key lock, open position - different keys
(17) For future use (X)
(18) Additional certifications
Certification only
3 year warranty
4 year warranty
5 year warranty
No warranty or certification
X
Warranty, no test certification
3
4
5
Test certificate provided (in English) E A B C
E
A
B
C
Test certificate provided (in French) F G H J
F
G
H
J
Test certificate provided (in Spanish) S K L M
S
K
L
M
Recommended accessories (Ready to install)
Extended handle spare parts
XT1
XT2
XT3
XT4
RHE_B base for extended handle
KXTBRHEBFP
KXTCRHEBFP
KXTBRHEBFP
KXTCRHEBFP
Standard pistol handle with reset function, 65mm, NEMA 3R,12
OHB65J10B
Standard pistol handle with reset function, 125mm, NEMA 3R,12
OHB125J10B
148mm pistol handle shaft
OXP10X148
225mm pistol handle shaft
OXP10X225
500mm pistol handle shaft
OXP10X500
Flange handles
XT1
XT2
XT3
XT4
Flange handle + mechanism + 4ft cable (NEMA 1, 3R, 12, 4)
KXT1N12FLHDL4
KXT2N12FLHDL4
KXT3N12FLHDL4
KXT4N12FLHDL4
Flange handle + mechanism + 6ft cable (NEMA 1, 3R, 12, 4)
KXT1N12FLHDL6
KXT2N12FLHDL6
KXT3N12FLHDL6
KXT4N12FLHDL6
Flange handle + mechanism + 10ft cable (NEMA 1, 3R, 12, 4)
KXT1N12FLHDL10
KXT2N12FLHDL10
KXT3N12FLHDL10
KXT4N12FLHDL10
Flange handle spare parts
Flange handle only (NEMA 1, 3R, 12, 4)
KXTAN12FLHDL
Flange handle only (NEMA 1, 3R, 12, 4, 4X)
KXTAN4XFLHDL
Flange handle hardware
KXTAFLHDLHW
Flange mounting hardware
KXTBFLMTHW
KXTCFLMTHW
KXTBFLMTHW
KXTCFLMTHW
Padlock on the circuit breaker
XT1
XT2
XT3
XT4
PLL removable lock with padlocks in open position
KXTBPLLREM
KXTBPLLREM
PLL fixed lock with padlocks in open position
KXTBPLLOP
KXTCPLLOP
KXTBPLLOP
KXTCPLLOP
PLL fixed lock with padlocks in open/closed position
KXTBPLLOPCL
KXTCPLLOPCL
KXTBPLLOPCL
KXTCPLLOPCL
Front for operating lever mechanism
XT1
XT2
XT3
XT4
FLD front for operating lever mechanism
KXTCFLDFP fixed, plug in
KXTCFLDFP fixed, plug in
KXTCFLDW withdrawable
KXTCFLDW withdrawable
Insulating terminal covers
XT1
XT2
XT3
XT4
LTC low terminal covers
KXT1LTC-3
KXT2LTC-3
KXT3LTC-3
KXT4LTC-3
HTC high terminal covers
KXT1HTC-3
KXT2HTC-3
KXT3HTC-3
KXT4HTC-3
Phase barriers
XT1
XT2
XT3
XT4
PB height 25mm/0.98in
KXTBPB25-3
KXTCPB25-3
KXTBPB25-3
KXTCPB25-3
PB height 100mm/3.94in
KXTBPB100-3
KXTCPB100-3
KXTBPB100-3
KXTCPB100-3
PB height 200mm/7.87in
KXTBPB200-3
KXTCPB200-3
KXTBPB200-3
KXTCPB200-3
Test and configurator units
XT1
XT2
XT3
XT4
Ekip TT — Trip test unit ZEAEKPTT
ZEAEKPTT
--
ZEAEKPTT
Ekip T&P — Programming and test unit
EKIP
--
EKIP
(11-12) Power terminals (lugs)
Factory assembled
11-Line side termination (top)
12-Load side termination (bottom)
Ready to install
XT1
XT2
XT3
XT4
F
F Front terminals, no lugs installed
F
F
F
F
A
FC Cu terminals for Cu cables (saddle clamps)
KXT1CU-3PC
KXT1CUMCP-3PC
KXT2CU-3PC
KXT3CU-3PC
KXT4CU-3PC
KXT4XCU-3PC
B
FC CuAl terminals for CuAl cables, 14-1/0 AWG,
110A
KXT2CUAL1-3PC
G
FC CuAl terminals for CuAl cables, 14-1/0 AWG,
100A
KXT3CUAL1-3PC
KXT4CUAL1-3PC
H
FC CuAl terminals for CuAl cables, 14-1/0 AWG,
100A, control tap included
KXT3CUAL1C-3PC
KXT4CUAL1C-3PC
J
FC CuAl terminals for CuAl cables, 4 AWG-300 kcmil,
225A
KXT3CUAL2-3PC
KXT4CUAL2-3PC
K
FC CuAl terminals for CuAl cables,4 AWG-300 kcmil,
225A, control tap included
KXT3CUAL2C-3PC
KXT4CUAL2C-3PC
L
FC CuAL terminals for CuAl cables, 250-350 kcmil,
250A
KXT4CUAL3-3PC
Z
MC multi-cable terminals for Cu (6 wire)
KXT1MC-3PC
KXT2MC-3PC
KXT3MC-3PC
KXT4MC-3PC
1
EF extended front terminals
KXT1EF-3PC
KXT2EF-3PC
KXT3EF-3PC
KXT4EF-3PC
2
ES extended spread terminals
KXT1ES-3PC
KXT2ES-3PC
KXT3ES-3PC
KXT4ES-3PC
(15) Front mount accessories
Factory assembled
Ready to install
XT1
XT2
XT3
XT4
0
None
0
A
Motor operator 24V DC
KXTBMOD24
KXTCMOD24
KXTBMOD24
KXTCMOD24
C
Motor operator 110-125V AC/DC
KXTBMOD110-125
KXTCMOD110-125
KXTBMOD110-125
KXTCMOD110-125
D
Motor operator 220-250V AC/DC
KXTBMOD220-250
KXTCMOD220-250
KXTBMOD220-250
KXTCMOD220-250
G
PLL fixed padlock device in open/closed position
KXTBPLLOPCL
KXTCPLLOPCL
KXTBPLLOPCL
KXTCPLLOPCL
H
PLL fixed padlock device in open position
KXTBPLLOP
KXTCPLLOP
KXTBPLLOP
KXTCPLLOP
J
PLL removable padlock device in open position
KXTBPLLREM
KXTBPLLREM
K
FLD front for locking operating lever mechanism
KXTCFLDFP fixed, plug in
KXTCFLDW withdrawable
KXTCFLDFP fixed, plug in
KXTCFLDW withdrawable
L
RHD normal direct handle
KXTBRHDSTFP
KXTCRHDSTFP
KXTBRHDSTFO
KXTCRHDSTFP
N
RHE variable depth mechanism, standard
1
Motor operator for use with Modbus 24V DC
(MOE-E) (IEC only)
KXTCEMOEE24
KXTCEMOEE24
3
Motor operator for use with Modbus 110-125V AC/DC
(MOE-E) (IEC only)
KXTCEMOEE110-125
KXTCEMOEE110-125
(13) Left mount accessories—right side
Factory assembled
Ready to install
13-Internal accessories—right side
XT1
XT2
XT3
XT4
0
None
0
A
SOR shunt trip 12V DC
KXTASORCFPA
B
SOR shunt trip 24-30V AC/DC
KXTASORCFPB
D
SOR shunt trip 110-127V AC / 110-125V DC
KXTASORCFPD
E
SOR shunt trip 220-240V AC / 220-250V DC
KXTASORCFPE
G
SOR shunt trip 480-525V AC
KXTASORCFPG
Z
AUX 3Q 250V AC/DC (not available for withdrawable)
KXT1AXC3QL
KXTCAXC3QL
KXT3AXC3QL
KXTCAXC3QL
1
UVR undervoltage release 24-30V AC/DC
KXTAUVRCFP1
4
UVR undervoltage release 110-127V AC 110-125V DC
KXTAUVRCFP4
5
UVR undervoltage release 220-240V AC 220-250V DC
KXTAUVRCFP5
7
UVR undervoltage release 480-525V AC
KXTAUVRCFP7
(14) Right mount accessories—right side
Factory assembled
Ready to install
14-Internal accessories—left side
XT1
XT2
XT3
XT4
0
None
0
A
AUX 1Q, 1SY 250V AC/DC
KXTAAXCQSYFP
B
AUX 2Q, 1SY 250V AC/DC (not available for withdrawable)
KXTAAXC2QSYFP
C
AUX 3Q, 1SY 250V AC/DC
KXTDAXC3QSYFP
D
AUX 3Q, 2SY 250V AC/DC
KXTCAXC3Q2SYFP
KXTCAXC3Q2SYFP
E
AUX 2Q, 2SY, 1 S51 250V AC/DC
KXTCAXC2Q2SYS51FP
KXTCAXC2Q2SYS51FP
F
AUX 1 S51 250V AC/DC
KXTCAXCS51FP
KXTCAXCS51FP
G
AUX 1Q, 1SY 24V DC
KXTAAXCDQSYFP
H
AUX 3Q, 1SY 24V DC
KXTDAXCD3QSYFP
J
AUX 1 S51 24V DC
KXTCAXDS51FP
KXTCAXDS51FP
K
AUX 1Q, 1SY 400V AC
KXTCAXC4QSYFP
KXTCAXC4QSYFP
L
AUX 2Q 400V AC
KXTCAXC42QFP
KXTCAXC42QFP
1
Ekip Com
Note: All auxiliary contacts can be wired NC (A) or NO (B)
11
12
14
13
15
XT
2
L
U
3
125
G
F
F
0
0
0
X
X
X
(3) Frame size (4) Interrupting
rating
(5) Standard
(6) Number of
poles
(7-9) Amperage
(10) Trip unit type (11) Line side
termination
(12) Load side
termination
(13) Internal accessories
left side
(14) Internal accessories
right side
(15) Front
accessories
(16) Key locks
(17) For future use (18) Additional
certifications
Tmax XT molded case circuit breakers – UL/CSA
Catalog number explanation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com