Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75801 Datasheet(PDF) 2 Page - APM Hexseal Corporation All Rights Reserved

Part # 75801
Description  SELF-SEALING FASTENERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

75801 Datasheet(HTML) 2 Page - APM Hexseal Corporation All Rights Reserved

  75801 Datasheet HTML 1Page - APM Hexseal Corporation All Rights Reserved 75801 Datasheet HTML 2Page - APM Hexseal Corporation All Rights Reserved 75801 Datasheet HTML 3Page - APM Hexseal Corporation All Rights Reserved 75801 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved 75801 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved 75801 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
When just fastening
isn’t enough.™
APM Hexseal invented and patented pre-assembled
self-sealing fasteners designed to provide both fastening
and sealing integrity in a single unit. Their design features
a resilient O-ring held captive in a precision engineered
groove under the fastener head. This combination of
precise groove geometry and O-ring characteristics
results in an absolute seal regardless of surface finish,
while still providing full metal-to-metal contact.
Vibration-resistant and re-usable, SEELSKREWS®,
SEELBOLTS®, and SEELNUTS® can withstand
internal/external pressures up to 6,000 psi/vacuum at
temperatures from –160°F to +500°F.
Made in the U.S.A., APM Hexseal self-sealing
fasteners are available in standard and metric thread
sizes. And the integral seal can be formulated for com-
patibility with a wide range of gases and liquids.
They represent a superior sealing alternative to
sealing compounds, tape, chemical coatings, and
deformable washers that attempt to seal the threadform.
Features and Benefits
• Positive sealing under pressure or vacuum.
• Easy-to-install … pre-assembled unit installs
like a conventional fastener.
• Metal-to-metal contact resists loosening due to
vibration, and assures fastening integrity.
• Re-usable … repeated installation and
removal does not affect sealing effectiveness.
• Compatible with all surface finishes.
• UL and CSA Recognized … tested and listed
to UL Standard 50, Types 1-13, and CSA
Standard C22.2 No. 40.
• Optional O-ring seal materials assure
performance with wide variety of gases
and liquids.
• Uniformity and high strength assure
repeatable performance.
• No adhesives, coatings or tape required.
2
Typical Applications
Sealing Performance
Under High Pressure
Custom Self-Sealing
Fasteners
Self-sealing SEELSKREWS®, SEELBOLTS®,
SEELRIVETS® and SEELNUTS® are available in other
sizes, lengths, materials, head styles (including tamper-
resistant) and finishes. These can be produced with an O-ring material (see Table I) best suited for your application. Also, other types
of fastening hardware like standoffs can be modified to become self-sealing. Should you not find what you need in this catalog, please
consult the factory. We would be pleased to work with you to satisfy your specific application requirements.
Pre-assembled
O-Ring Seals in
Geometric Groove
• Pressure Gauges
• Gear Boxes/Transmissions
•Valves
• Motor Housings
• Fuel Tanks
• Cylinders
• Pumps
• Equipment Housings/Cabinets
• Air Conditioning Equipment
• Hydraulic Systems
• Portable Instruments
• Engines
• Instrument Housings/Panels
• Military Equipment
• Portable Communications Equipment
• Food Processing Systems
• Or any application where leakage can
compromise reliability
Fully compressed
metal-to-metal
contact
®
Recognized
Visit our website
for downloadable
CAD drawings:
www.apmhexseal.com
Visit our website
for downloadable
CAD drawings:
www.apmhexseal.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com